Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 63Page - National Semiconductor (TI) CS4210 Datasheet HTML 64Page - National Semiconductor (TI) CS4210 Datasheet HTML 65Page - National Semiconductor (TI) CS4210 Datasheet HTML 66Page - National Semiconductor (TI) CS4210 Datasheet HTML 67Page - National Semiconductor (TI) CS4210 Datasheet HTML 68Page - National Semiconductor (TI) CS4210 Datasheet HTML 69Page - National Semiconductor (TI) CS4210 Datasheet HTML 70Page - National Semiconductor (TI) CS4210 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
Revision 1.0
67
www.national.com
Register Descriptions (Continued)
4.4.12.2 programPhyEnable and aPhyEnhanceEnable
After a hardware or software reset, system software must
ensure that the CS4210 and the CS4103 are set to a con-
sistent, compatible set of P1394a enhancements. The pro-
gramPhyEnable
and
aPhyEnhanceEnable
bits
are
provided to enable software to accomplish this task. Since
different levels of software may be responsible for ensuring
this setup, the programPhyEnable bit is defined to allow
communication between implementation specific lower-
level software (e.g., BIOS or Open Firmware) and generic,
implementation independent upper-level software (e.g.,
OHCI device driver). If generic software reads this bit as a
1, it is responsible for configuring the P1394a enhance-
ments in both the CS4210 and CS4103 in a consistent
manner (either all enhancements enabled or all enhance-
ments disabled). A 0 value for this bit informs the upper-
level system software that no further changes to the
P1394a configurations of the CS4210 and CS4103 are per-
mitted since either:
1)
Lower-level software has previously performed initial-
ization appropriate to the CS4210 capabilities, or
2)
The link has hardwired P1394a capabilities to match
the CS4103. Note that this bit is only a software flag
and does not control any CS4210 functionality.
The programPhyEnable bit may be read-only, returning a
zero value, if upper-level software is not involved in the
configuration of P1394a enhancements for the CS4210
and CS4103. This is appropriate when the CS4210 and
CS4103 are hardwired with compatible settings or when
lower-level software consistently configures both the
CS4210 and CS4103. To allow the possibility for upper-
level software control of P1394a enhancements, program-
PhyEnable should be implemented as read/clear with a
hardware reset value of 1. Software should clear program-
PhyEnable once the CS4210 and CS4103 have been pro-
grammed consistently by either lower-level or upper-level
software. When programPhyEnable is set to 1, the aPhy-
EnhanceEnable bit allows generic software to enable or
disable all P1394a enhancements within the CS4210 Link.
A value of 1 for aPhyEnhanceEnable configures the Link to
use all P1394a enhancements and is appropriate when
software has enabled all of the enhancements within the
CS4103. Likewise, a value of 0 prevents the Link from
using any P1394a enhancements and is appropriate when
software has disabled all of the enhancements within the
CS4103. Note that generic software must not attempt to
modify or interpret the setting of the aPhyEnhanceEnable
bit if programPhyEnable contains a 0. The aPhyEnhan-
ceEnable bit is read/set/clear and it resets to 0 for default
compatibility with legacy PHYs. These bits are accessible
from the nscControl register (BAR1+Offset 00h[14,13]).
The aPhyEnhanceEnable bit can be initialized with the
serial EEPROM.
4.4.12.3 LPS and linkEnable
There are three basic tasks and ensuing requirements with
respect to the Phy-Link interface:
1)
Bootstrap of Open HCI.
This requires a mechanism to configure the CS4210
and CS4103 prior to receiving any packets or generat-
ing any bus requests.
2)
Recovery from a hung system.
This requires a mechanism which places OpenHCI in
a near pre-bootstrap condition, and allows the CS4210
and CS4103 to get back into sync if required.
3)
Power Management via Suspend/Resume
This requires a mechanism to inform the CS4103 that
Phy-Link communication is no longer required and the
CS4103 can suspend itself if no active ports remain.
To achieve proper behavior in satisfying these require-
ments, software shall always assert the signals in the fol-
lowing sequence: LPS, then linkEnable, then any other
individual context enables or runs. The CS4210 behavior
when violating this order is undefined and can produce
unreliable behavior. Table 4-22 illustrates the progressive
functionality as these signals are asserted.
Following a hardware or software reset, LPS and linkEn-
able areOff as showninStepa(in Table4-22). Software
proceeds to enable the link power status (b) and when
SCLK has started, software can configure the CS4210 and
CS4103 registers as listed in Step c (e.g., Self-ID receive
DMA registers). Setting linkEnable in step d enables some
DMA function, and asserting contextControl.run (e) for the
CS4210 contexts then yields full functionality
.
Table 4-22. LPS and linkEnable Assertion
Step
LPS
(BAR0+Offset 50h[19])
linkEnable
(BAR0+Offset 50h[17])
contextControl.run
Sequence Comments
a
Off
Off
Off
Initial State
b
On
Off
Off
Allows SCLK to start
c
On
Off
Off
Config Phy-Link registers
d
On
On
Off
Initiate Bus Reset
e
On
On
Off
Physical DMA/Cycle Starts
Okay
f
On
On
On
Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com