Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 72Page - National Semiconductor (TI) CS4210 Datasheet HTML 73Page - National Semiconductor (TI) CS4210 Datasheet HTML 74Page - National Semiconductor (TI) CS4210 Datasheet HTML 75Page - National Semiconductor (TI) CS4210 Datasheet HTML 76Page - National Semiconductor (TI) CS4210 Datasheet HTML 77Page - National Semiconductor (TI) CS4210 Datasheet HTML 78Page - National Semiconductor (TI) CS4210 Datasheet HTML 79Page - National Semiconductor (TI) CS4210 Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
www.national.com
76
Revision 1.0
Register Descriptions (Continued)
4.4.19 Node ID and Status Register
This register contains the CSR address for the node on
which this chip resides. The 16-bit combination of busNum-
ber and nodeNumber is referred to as the Node ID. This
register is written autonomously and atomically by the
CS4210 with the value in CS4103’s base register at
Address 00h following the self-identification phase of bus
initialization. Although IntEvent.phyRegRcvd (BAR0+Offset
80h[26]) is not set when the contents of CS4103’s base
register at Address 00h are written here, software can use
the IntEvent.selfIDComplete (BAR0+Offset 80h[16]) inter-
rupt to detect that the self-identification phase has com-
pleted and can then check for a new valid Node ID.
Table 4-34. BAR0+Offset E8h: Node ID and Status Register
Bit
Name
Access
Reset
Description
31
iDValid
RU
0
ID Valid: This bit indicates whether or not the CS4210 has a valid node
number. It is cleared when the bus reset state is detected and set again
when the CS4210 receives a new node number from the CS4103.
If iDValid is clear, software should not set ContextControl.run for either of
the ATDMA contexts (request and response).
30
root
RU
0
Root: This bit is set during the bus reset process if the CS4103 is root.
29:28
RSVD
--
0
Reserved
27
CPS
RU
0
Cable Power Status: Set if the CS4103 is reporting that cable power status
is OK (VP 8V).
26:16
RSVD
--
0
Reserved
15:6
busNumber
RWU
3FFh
Bus Number: This number is used to identify the specific 1394 bus this
node belongs to when multiple 1394-compatible buses are connected via a
bridge. This field is set to 3FFh on a bus reset.
5:0
nodeNumber
RU
Undef
Node Number: This number is the physical node number established by
the CS4103 during self-identification. It is automatically set to the value
received from the CS4103 after the self-identification phase. If the CS4103
sets the nodeNumber to 63, software should not set ContextControl.run for
either of the ATDMA contexts (request and response).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com