Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 94Page - National Semiconductor (TI) CS4210 Datasheet HTML 95Page - National Semiconductor (TI) CS4210 Datasheet HTML 96Page - National Semiconductor (TI) CS4210 Datasheet HTML 97Page - National Semiconductor (TI) CS4210 Datasheet HTML 98Page - National Semiconductor (TI) CS4210 Datasheet HTML 99Page - National Semiconductor (TI) CS4210 Datasheet HTML 100Page - National Semiconductor (TI) CS4210 Datasheet HTML 101Page - National Semiconductor (TI) CS4210 Datasheet HTML 102Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 99 / 102 page
background image
Revision 1.0
99
www.national.com
Electrical Specifications (Continued)
5.4
DC CHARACTERISTICS
Table 5-4. DC Characteristics: PCI Interface
Symbol
Parameter
Min
Max
Units
Conditions
VDDIO
I/O Supply Voltage
3.0
3.6
V
VDD
Core Supply Voltage
2.3
2.7
V
VIH
Input High Voltage
1.7
V
VIL
Input Low Voltage
–0.5
0.7
V
VIPU
Input Pull-up Voltage
1.7
V
IIH
Input High Leakage Current
+ 10
µA
0 < VIN <VDDIO
IIL
Input Low Leakage Current
–10
µA
0 < VIN <VDDIO
VOH1
Output High Voltage
VDDIO–0.2
V
IOUT = –10 µA
VOH2
Output High Voltage
2.4
V
IOUT =–2mA
VOL1
Output Low Voltage
0.2
V
IOUT =10µA
VOL2
Output Low Voltage
0.4
V
IOUT =2 mA
CIN
Input Pin Capacitance
10
pF
CCLK
CLK Pin Capacitance
5
12
pF
CIDSEL
IDSEL Pin Capacitance
8
pF
LPIN
Pin Inductance
20
nH
Table 5-5. DC Characteristics: General
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VDDIO
I/O Supply Voltage
3.0
3.6
V
VDD
Core Supply Voltage
2.3
2.7
V
IDDQ
Quiescent Core Supply Current
100
µA
IDDQIO
Quiescent I/O Supply Current
500
µA
IDD
Dynamic Core Supply Current
80
mA
IDDIO
Dynamic Supply Current
13
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com