Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 33Page - National Semiconductor (TI) CS4210 Datasheet HTML 34Page - National Semiconductor (TI) CS4210 Datasheet HTML 35Page - National Semiconductor (TI) CS4210 Datasheet HTML 36Page - National Semiconductor (TI) CS4210 Datasheet HTML 37Page - National Semiconductor (TI) CS4210 Datasheet HTML 38Page - National Semiconductor (TI) CS4210 Datasheet HTML 39Page - National Semiconductor (TI) CS4210 Datasheet HTML 40Page - National Semiconductor (TI) CS4210 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
Revision 1.0
37
www.national.com
Register Descriptions (Continued)
260h-263h
32
RSCU/RSU
IsochTx6ContextControl Set Register
xxh
Page 85
264h-267h
32
RSCU/RSU
IsochTx6ContextControl Clear Register
xxh
268h-26Bh
--
--
Reserved
00h
--
26Ch-26Fh
32
RWU
IsochTx6CommandPtr Register
xxh
Page 85
270h-273h
32
RSCU/RSU
IsochTx7ContextControl Set Register
xxh
Page 85
274h-277h
32
RSCU/RSU
IsochTx7ContextControl Clear Register
xxh
278h-27Bh
--
--
Reserved
00h
--
27Ch-27Fh
32
RWU
IsochTx7CommandPtr Register
xxh
Page 85
280h-3FFh
--
--
Reserved
00h
--
400h-403h
32
RSCU/RSU
IsochRx0ContextControl Set Register
xxh
Page 87
404h-407h
32
RSCU/RSU
IsochRx0ContextControl Clear Register
xxh
408h-40Bh
--
--
Reserved
00h
--
40Ch-40Fh
32
RWU
IsochRx0CommandPtr Register
xxh
Page 88
410h-413h
32
RW
IsochRx0ContextMatch
xxh
Page 88
414h-41Fh
--
--
Reserved
00h
--
420h-423h
32
RSCU/RSU
IsochRx1ContextControl Set Register
xxh
Page 87
424h-427h
32
RSCU/RSU
IsochRx1ContextControl Clear Register
xxh
428h-42Bh
--
--
Reserved
00h
--
42Ch-42Fh
32
RWU
IsochRx1CommandPtr Register
xxh
Page 88
430h-433h
32
RW
IsochRx1ContextMatch Register
xxh
Page 88
434h-43Fh
--
--
Reserved
00h
--
440h-443h
32
RSCU/RSU
IsochRx2ContextControl Set Register
xxh
Page 87
444h-447h
32
RSCU/RSU
IsochRx2ContextControl Clear Register
xxh
448h-44Bh
--
--
Reserved
00h
--
44Ch-44Fh
32
RWU
IsochRx2CommandPtr Register
xxh
Page 88
450h-453h
32
RW
IsochRx2ContextMatch Register
xxh
Page 88
454h-45Fh
--
--
Reserved
00h
--
460h-463h
32
RSCU/RSU
IsochRx3ContextControl Set Register
xxh
Page 87
464h-467h
32
RSCU/RSU
IsochRx3ContextControl Clear Register
xxh
468h-46Bh
--
--
Reserved
00h
--
46Ch-46Fh
32
RWU
IsochRx3CommandPtr Register
xxh
Page 88
470h-473h
32
RW
IsochRx3ContextMatch Register
xxh
Page 88
474h-47Fh
--
--
Reserved
00h
--
480h-483h
32
RSCU/RSU
IsochRx4ContextControl Set Register
xxh
Page 87
484h-487h
32
RSCU/RSU
IsochRx4ContextControl Clear Register
xxh
488h-48Bh
--
--
Reserved
00h
--
48Ch-48Fh
32
RWU
IsochRx4CommandPtr Register
xxh
Page 88
490h-493h
32
RW
IsochRx4ContextMatch Register
xxh
Page 88
494h-49Fh
--
--
Reserved
00h
--
4A0h-403h
32
RSCU/RSU
IsochRx5ContextControl Set Register
xxh
Page 87
4A4h-407h
32
RSCU/RSU
IsochRx5ContextControl Clear Register
xxh
4A8h-40Bh
--
--
Reserved
00h
--
4ACh-40Fh
32
RWU
IsochRx5CommandPtr Register
xxh
Page 88
4B0h-413h
32
RW
IsochRx5ContextMatch Register
xxh
Page 88
4B4h-41Fh
--
--
Reserved
00h
--
4C0h-4C3h
32
RSCU/RSU
IsochRx6ContextControl Set Register
xxh
Page 87
4C4h-4C7h
32
RSCU/RSU
IsochRx6ContextControl Clear Register
xxh
4C8h-4CBh
--
--
Reserved
00h
--
Table 4-3. OHCI Configuration Registers Summary (Continued)
BAR0+Offset
Width
(Bits)
Access
Name
Reset Value
Reference
(Page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com