Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 32Page - National Semiconductor (TI) CS4210 Datasheet HTML 33Page - National Semiconductor (TI) CS4210 Datasheet HTML 34Page - National Semiconductor (TI) CS4210 Datasheet HTML 35Page - National Semiconductor (TI) CS4210 Datasheet HTML 36Page - National Semiconductor (TI) CS4210 Datasheet HTML 37Page - National Semiconductor (TI) CS4210 Datasheet HTML 38Page - National Semiconductor (TI) CS4210 Datasheet HTML 39Page - National Semiconductor (TI) CS4210 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
www.national.com
36
Revision 1.0
Register Descriptions (Continued)
108h-10Bh
32
RSCU
AsyncRequestFilterLo Set Register
00h
Page 78
10Ch-10Fh
32
RSCU
AsyncRequestFilterLo Clear Register
00h
110h-113h
32
RSCU
PhysicalRequestHi Set Register
00h
Page 79
114h-117h
32
RSCU
PhysicalRequestHi Clear Register
00h
118h-1Bh
32
RSCU
PhysicalRequestLo Set Register
00h
Page 79
11Ch-11Fh
32
RSCU
PhysicalRequestLo Clear Register
00h
180h-183h
32
RSU
AsyncReqTxContextControl Set Register
xxh
Page 80
184h-187h
32
RSU
AsyncReqTxContextControl Clear Register
xxh
188h-18Bh
--
--
Reserved
00h
--
18Ch-18Fh
32
AsyncReqTxCommandPtr Register
xxh
Page 80
190h-19Fh
--
--
Reserved
00h
--
1A0h-1A3h
32
RSCU/RU
AsyncRespTxContextControl Set Register
xxh
Page 81
1A4h-1A7h
32
RSCU/RU
AsyncRespTxContextControl Clear Register
xxh
1ACh-1AFh
32
RWU
AsyncRespTxCommandPtr Register
xxh
Page 81
1B0h-1BFh
--
--
Reserved
00h
--
1C0h-1C3h
32
RSCU/RSU
AsyncReqRxContextControl Set Register
xxh
Page 82
1C4h-1C7h
32
AsyncReqRxContextControl Clear Register
xxh
1C8h-1CBh
--
--
Reserved
00h
--
1CCh-1CFh
32
AsyncReqRxCommandPtr Register
xxh
Page 82
1D0h-1DFh
--
--
Reserved
00h
--
1E0h-1E3h
32
RSCU/RU
AsyncRespRxContextControl Set Register
xxh
Page 83
1E4h-1E7h
32
RSCU/RU
AsyncRespRxContextControl Clear Register
xxh
1E8h-1EBh
--
--
Reserved
00h
--
1ECh-1EFh
32
RWU
AsyncRespRxCommandPtr Register
xxh
Page 83
200h-203h
32
RSCU/RSU
IsochTx0ContextControl Set Register
xxh
Page 85
204h-207h
32
RSCU/RSU
IsochTx0ContextControl Clear Register
xxh
208h-20Bh
--
--
Reserved
00h
--
20Ch-20Fh
32
RWU
IsochTx0CommandPtr Register
xxh
Page 85
210h-213h
32
RSCU/RSU
IsochTx1ContextControl Set Register
xxh
Page 85
214h-217h
RSCU/RSU
IsochTx1ContextControl Clear Register
xxh
218h-21Bh
--
--
Reserved
00h
--
21Ch-21Fh
32
RWU
IsochTx1CommandPtr Register
xxh
Page 85
220h-223h
32
RSCU/RSU
IsochTx2ContextControl Set Register
xxh
Page 85
224h-227h
32
RSCU/RSU
IsochTx2ContextControl Clear Register
xxh
228h-22Bh
--
--
Reserved
00h
--
22Ch-22Fh
32
RWU
IsochTx2CommandPtr Register
xxh
Page 85
230h-233h
32
RSCU/RSU
IsochTx3ContextControl Set Register
xxh
Page 85
234h-237h
32
RSCU/RSU
IsochTx3ContextControl Clear Register
xxh
238h-23Bh
--
--
Reserved
00h
--
23Ch-23Fh
32
RWU
IsochTx3CommandPtr Register
xxh
Page 85
240h-243h
32
RSCU/RSU
IsochTx4ContextControl Set Register
xxh
Page 85
244h-247h
32
RSCU/RSU
IsochTx4ContextControl Clear Register
xxh
248h-24Bh
--
--
Reserved
00h
--
24Ch-24Fh
32
RWU
IsochTx4CommandPtr Register
xxh
Page 85
250h-253h
32
RSCU/RSU
IsochTx5ContextControl Set Register
xxh
Page 85
254h-257h
32
RSCU/RSU
IsochTx5ContextControl Clear Register
xxh
258h-25Bh
--
--
Reserved
00h
--
25Ch-25Fh
32
RWU
IsochTx5CommandPtr Register
xxh
Page 85
Table 4-3. OHCI Configuration Registers Summary (Continued)
BAR0+Offset
Width
(Bits)
Access
Name
Reset Value
Reference
(Page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com