Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 71Page - National Semiconductor (TI) CS4210 Datasheet HTML 72Page - National Semiconductor (TI) CS4210 Datasheet HTML 73Page - National Semiconductor (TI) CS4210 Datasheet HTML 74Page - National Semiconductor (TI) CS4210 Datasheet HTML 75Page - National Semiconductor (TI) CS4210 Datasheet HTML 76Page - National Semiconductor (TI) CS4210 Datasheet HTML 77Page - National Semiconductor (TI) CS4210 Datasheet HTML 78Page - National Semiconductor (TI) CS4210 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
Revision 1.0
75
www.national.com
Register Descriptions (Continued)
4.4.17 Fairness Control Register
This register (Table 4-32) provides a mechanism by which
software can direct the CS4210 to transmit multiple asyn-
chronous request packets during a fairness interval as
specified in P1394a specification.
4.4.18 LinkControl Register
This register (Table 4-33) provides the control flags that
enable and configure the link core protocol and controls for
the
receiver
and cycle
timer.
This
register is
set
(BAR0+Offset E0h) and clear (BAR0+Offset E4h). On
read, both addresses return LinkControl.
Table 4-32. BAR0+Offset DCh: Fairness Control Register
Bit
Name
Access
Reset
Description
31:8
RSVD
--
0
Reserved
7:0
pri_req
RW
HW =
Undef
SW/Bus
=N/A
Priority Arbitration Request: This field specifies the maximum number of
priority arbitration requests for asynchronous request packets that the link is
permitted to make to the CS4103 during a fairness interval. A pri_req value
of 00h is equivalent to the behavior specified by the IEEE 1394-1995 speci-
fication.
Table 4-33. BAR0+Offset E0h (Set) and E4h (Clear): LinkControl Register
Bit
Name
Access
Reset
Description
32:21
RSVD
--
0
Reserved
22
cycleSource
RSC
or R
HW = 0
SW = No
Change
Cycle Source: When one, the cycle timer uses an external source to deter-
mine when to increment cycleCount (BAR0+Offset F0h[24:12]). When
cycleCount is incremented, cycleOffset (BAR0+Offset F0h[11:0]) is reset to
0. If cycleOffset reaches 3071 before an external event occurs, it remains at
3071 until the external signal is received and is then reset to 0. When the
cycleSource bit is zero, the CS4210 rolls the cycle timer over when the
timer reaches 3072 cycles of the 24.576 MHz clock (8 kHz). CycleSource
has an effect only when cycleMaster (bit 21) is enabled. A hardware reset
clears to 0. A software reset has no effect.
21
cycleMaster
RSCU
Undef
Cycle Master: When one and the CS4103 has notified the CS4210 that it is
root, the CS4210 generates a cycle start packet every time the cycle timer
rolls over, based on the setting of the cycleSource bit (bit 22). When zero,
the CS4210 accepts received cycle start packets to maintain synchroniza-
tion with the node which is sending them. This bit is automatically zeroed
when the IntEvent.cycleTooLong event occurs and cannot be set until the
IntEvent.cycleTooLong bit (BAR0+Offset 80h[25]) is cleared.
20
cycleTimerEnable
RSC
Undef
Cycle Timer Enable: When one, the cycle timer offset counts cycles of the
24.576 MHz clock and rolls over at the appropriate time based on the set-
tings of the above bits. When zero, the cycle timer offset will not count.
19:11
RSVD
--
0
Reserved
10
rcvPhyPkt
RSC
Undef
Receive Physical Layer Packet: When one, the receiver accepts incoming
CS4103 packets into the AR request context if the AR request context is
enabled. This does not control either the receipt of self-identification pack-
ets during the Self-ID phase of bus initialization or the queuing of synthe-
sized bus reset packets in the ARDMA Request Context buffer (see Section
3.8 "Bus Resets" on page 30). This does control receipt of any self- identifi-
cation packets received outside of the Self-ID phase of bus initialization.
9
rcvSelfID
RSC
Undef
Receive Self-ID: When one, the receiver accepts incoming self-identifica-
tion packets. Before setting this bit to one, software must ensure that the
selfIDBufferPtr register bits (BAR0+Offset 64h[31:11]) contains a valid
address.
8:0
RSVD
--
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com