Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 27Page - National Semiconductor (TI) CS4210 Datasheet HTML 28Page - National Semiconductor (TI) CS4210 Datasheet HTML 29Page - National Semiconductor (TI) CS4210 Datasheet HTML 30Page - National Semiconductor (TI) CS4210 Datasheet HTML 31Page - National Semiconductor (TI) CS4210 Datasheet HTML 32Page - National Semiconductor (TI) CS4210 Datasheet HTML 33Page - National Semiconductor (TI) CS4210 Datasheet HTML 34Page - National Semiconductor (TI) CS4210 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
Revision 1.0
31
www.national.com
Operational Description (Continued)
3.9
SERIAL EEPROM
A serial EEPROM may be used to configure the CS4210. If
a serial EEPROM device is connected, the CS4210 detects
the pull-up resistor on the EEDATA pin (pin 5) and consid-
ers the EEPROM present. Immediately after RST# is deas-
serted, the serial EEPROM is scanned via EEDATA and
EECLK (pin 4). The CS4210 reads configuration informa-
tion from the first 34 bytes of the EEPROM.
If the presence of the serial EEPROM was not detected,
the CS4210 will not attempt to load configuration data via
the EEDATA/EECLK pins. It will instead allow software to
write to the guidHi and guidLo bit fields of the GUID regis-
ter once after each hardware reset (RST#).
3.9.1
Serial EEPROM Cyclic Redundancy Check
The serial EEPROM uses a Cyclical Redundancy Check
(CRC) to insure the data in the EEPROM is valid. If the
CRC check fails, the data from the EEPROM is not loaded
into the mapped registers listed in Table 3-11. The CRC1
and CRC2 values may be computed using the sample
code in Figure 3-1 "CRC1 and CRC2 Sample Code" on
page 32. This code accepts hexadecimal data from STDIN
and writes data plus CRC to STDOUT. As a check, this
code should produce the results as shown in Figure 3-1.
Table 3-11. Serial EEPROM Map
Offset
Description
00h
subsystem[7:0]
01h
subsystem[15:8]
02h
subsystem[23:16]
03h
subsystem[31:24]
04h
configROMheader[7:0]
05h
configROMheader[15:8]
06h
configROMheader[23:16]
07h
configROMheader[31:24]
08h
busOptions[7:0]
09h
busOptions[15:8]
0Ah
busOptions[23:16]
0Bh
busOptions[31:24]
0Ch
guidHi[7:0]
0Dh
guidHi[15:8]
0Eh
guidHi[23:16]
0Fh
guidHi[31:24]
10h
guidLo[7:0]
11h
guidLo[15:8]
12h
guidLo[23:16]
13h
guidLo[31:24]
14h
nscControl[7:0]
15h
nscControl[15:8]
16h
nscControl[23:16]
17h
nscControl[31:24]
18h
nscTxThrsh[7:0]
19h
nscTxThrsh[15:8]
1Ah
nscTxThrsh[23:16]
1Bh
nscTxThrsh[31:24]
1Ch
cmcControl[7:0]
1Dh
cmcControl[15:8]
1Eh
cmcControl[23:16]
1fh
cmcControl[31:24]
20h
CRC1
21h
CRC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com