Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 61Page - National Semiconductor (TI) CS4210 Datasheet HTML 62Page - National Semiconductor (TI) CS4210 Datasheet HTML 63Page - National Semiconductor (TI) CS4210 Datasheet HTML 64Page - National Semiconductor (TI) CS4210 Datasheet HTML 65Page - National Semiconductor (TI) CS4210 Datasheet HTML 66Page - National Semiconductor (TI) CS4210 Datasheet HTML 67Page - National Semiconductor (TI) CS4210 Datasheet HTML 68Page - National Semiconductor (TI) CS4210 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
Revision 1.0
65
www.national.com
Register Descriptions (Continued)
4.4.12 HCControl Register
The HCControl register (Table 4-21) provides flags for con-
trolling the CS4210. There are two addresses for this regis-
ter:
1)
BAR0+Offset 50h: HCControl Set
2)
BAR0+Offset 54h: HCControl Clear
On read, both addresses return the contents of the control
register. For writes, the two addresses have different
behavior: a one bit written to HCControl Set causes the
corresponding bit in the HCControl register to be set, while
a zero bit leaves the corresponding bit in the HCControl
register unaffected. On the other hand, a one bit written to
HCControl Clear causes the corresponding bit in the
HCControl Set register to be cleared, while a zero bit
leaves the corresponding bit in the HCControl Set register
unaffected.
Table 4-21. BAR0+Offset 50h (Set) and 54h (Clear): HCControl Register
Bit
Name
Access
Reset
Description
31
RSVD
--
0
Reserved
30
noByteSwapData
RSC
Undef
No Byte Swap Data: This bit is used to control whether physical accesses
to locations outside the CS4210 itself as well as any other DMA data
accesses should be swapped or not. When 0, data quadlets are sent/
received in little endian order. When 1, data quadlets are sent/received in
big endian order. See Section 4.4.12.1 "noByteSwapData" on page 66 for
further information. Software should change this bit only when linkEnable
(bit 17) is 0, otherwise unspecified behavior results.
29:24
RSVD
--
0
Reserved
23
programPhyEnable
RC
1
Program PHY Enable: This bit informs upper-level generic software (e.g.,
OHCI device driver) if lower-level implementation specific software (e.g.,
BIOS or Open Firmware) has consistently configured P1394a enhance-
ments in the CS4210 and CS4103. If the implementation does not support
P1394a enhancements, lower-level implementation specific software must
clear this bit.
When 1 and while linkEnable (bit 17) is 0, generic software is responsible
for configuring the P1394a enhancements within the CS4103 and the aPhy-
EnhanceEnable bit within the CS4210 Link in a consistent manner.
When 0, generic software may not modify the P1394a enhancement config-
uration in either the CS4210 or CS4103 and cannot interpret the setting of
aPhyEnhanceEnable.
A soft reset and a bus reset do not affect this bit.
22
aPhyEnhanceEnable
RSC
0
A PHY Enhancement Enable: When the programPhyEnable bit is 1, this
bit is used by generic, implementation independent software (e.g., OHCI
device driver) to enable the CS4210 Link to use all of P1394a enhance-
ments. Generic software can only modify this bit when the programPhyEn-
able bit is 1 and the linkEnable (bit 17) bit is 0. This bit is meaningless to
software when the programPhyEnable bit is 0.
When 0, none of the P1394a enhancements are enabled within the Link.
When 1, the set of all P1394a enhancements is enabled within the Link.
A soft reset and a bus reset do not affect this bit.
See Section 4.4.12.2 "programPhyEnable and aPhyEnhanceEnable" on
page 67 for more information.
21:20
RSVD
--
0
Reserved
19
LPS
RS
0
Link Power Status: Software must set LPS to 1 to permit CS4210/CS4103
communication. Once set, the link can use LREQs to perform CS4103
reads and writes.
An LPS value of 0 prevents CS4210/CS4103 communication. In this state,
the only accessible CS4210 registers are Version, VendorID, HCControl,
GUID_ROM, GUIDHi and GUIDLo. Access to other registers is not defined.
Hardware and software resets clear LPS to 0. Software shall not clear LPS.
See the Section 4.4.12.3 "LPS and linkEnable" on page 67 for more infor-
mation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com