Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 93 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 93 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 89Page - National Semiconductor (TI) CS4210 Datasheet HTML 90Page - National Semiconductor (TI) CS4210 Datasheet HTML 91Page - National Semiconductor (TI) CS4210 Datasheet HTML 92Page - National Semiconductor (TI) CS4210 Datasheet HTML 93Page - National Semiconductor (TI) CS4210 Datasheet HTML 94Page - National Semiconductor (TI) CS4210 Datasheet HTML 95Page - National Semiconductor (TI) CS4210 Datasheet HTML 96Page - National Semiconductor (TI) CS4210 Datasheet HTML 97Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
Revision 1.0
93
www.national.com
Register Descriptions (Continued)
4.5.2
nscEventSet/Clear
The nscEvent register (Table 4-59) contains events that are
unique to the CS4210. This register is set (BAR1+Offset
04h) and clear (BAR1+Offset 08h).
4.5.3
nscMaskSet/Clear
The nscEventMask register (Table 4-60) controls the
masking of the nscEvent register. This register is set
(BAR1+Offset 0Ch) and clear (BAR1+Offset 10h).
Table 4-59. BAR1+Offset 04h (Set) and 08h (Clear): nscEvent Register
Bit
Name
Access
Reset
Description
31:5
RSVD
--
0
Reserved
4
eepromAckErr
RSCU
Undef
EEPROM Acknowledge Error: Set when an acknowledge is missing from
the serial EEPROM load.
3
eepromCRCErr
RSCU
Undef
EEPROM Cyclical Redundancy Check Error: Set when a CRC error
occurs as a result of the serial EEPROM load.
2
physLockToggle
RSCU
Undef
Physical Lock Toggle: Set when D15 of the nscPhysLockCount register
(BAR1+Offset 48h) changes.
1
disableCmDetect
RSCU
Undef
Disable Cycle Master Detector: Set when D15 of the nscPhysWriteCount
register (BAR1+Offset 44h) changes.
0
noCycleMaster
RSCU
Undef
No Cycle Master: Set when D15 of the nscPhysReadCount register
(BAR1+Offset 40h) changes.
Table 4-60. BAR1+Offset 0Ch (Set) and 10h (Clear): nscEventMask Register
Bit
Name
Access
Reset
Description
31:5
RSVD
--
0
Reserved
4
eepromAckErrMask
RSCU
Undef
EEPROM Acknowledge Error Mask: Set to 1 enables the corresponding bit
in the nscEvent register (BAR1+Offset 04h).
3
eepromCRCErrMask
RSC
Undef
EEPROM Cyclical Redundancy Check Error Mask: Set to 1 enables the
corresponding bit in the nscEvent register (BAR1+Offset 04h).
2
physLockToggleMask
RSC
Undef
Physical Lock Toggle Mask: Set to 1 enables the corresponding bit in the
nscEvent register (BAR1+Offset 04h).
1
disableCmDetectMask
RSC
Undef
Disable Cycle Master Detector Mask: Set to 1 enables the corresponding
bit in the nscEvent register (BAR1+Offset 04h).
0
noCycleMasterMask
RSC
Undef
No Cycle Master Mask: Set to 1 enables the corresponding bit in the
nscEvent register (BAR1+Offset 04h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com