Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 38Page - National Semiconductor (TI) CS4210 Datasheet HTML 39Page - National Semiconductor (TI) CS4210 Datasheet HTML 40Page - National Semiconductor (TI) CS4210 Datasheet HTML 41Page - National Semiconductor (TI) CS4210 Datasheet HTML 42Page - National Semiconductor (TI) CS4210 Datasheet HTML 43Page - National Semiconductor (TI) CS4210 Datasheet HTML 44Page - National Semiconductor (TI) CS4210 Datasheet HTML 45Page - National Semiconductor (TI) CS4210 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
www.national.com
42
Revision 1.0
Register Descriptions (Continued)
Table 4-6. PCI Configuration Register Definitions
Bit
Name
Access
Reset
Description
Index 00h
Vendor Identification Register
15:0
Vendor ID
RO
1000h
Vendor Identification: This register identifies the manufacturer of the
CS4210 as National Semiconductor.
Index 02h
Device Identification Register
15:0
Device ID
RO
000Fh
Device Identification: This register identifies the CS4210 as the IEEE
1394 Open Host Controller.
Index 04h
PCI Command Register
This register provides coarse control over the device’s ability to generate and respond to PCI cycles. It is required that the CS4210 sup-
port both PCI bus-mastering and memory-mapping of all configuration and operational registers into the memory address space of the
PC host. Consequently, the fields memoryAccess and masterEn should always be set to 1 during device configuration.
Once the CS4210 starts processing DMA descriptor lists, the action of resetting either field memoryAccess or masterEn to 0 halts all
PCI operations. If the field memoryAccess is reset to 0, the CS4210 can no longer respond to any software command addressed to it
and interrupt generation is halted.
15:10
RSVD
---
000000
Reserved
9fastBBEn
RO
0
Fast Back-to-Back Enable: This function is not supported and is always
disabled. 0 = Disable; 1 = Enable.
8
systemErrEn
R/W
0
System Error Enable: Allow assertion on detection of special errors. 0 =
Disable; 1 = Enable.
7
waitCycEn
RO
0
Wait Cycle Control: This function is not supported and is always disabled.
0 = Disable; 1 = Enable.
6
parityErrResp
R/W
0
Parity Error Response: Allow the CS4210 to drive PERR# when a parity
error is detected. 0 = Disable; 1 = Enable.
5
VGAPalSnoop
RO
0
VGA Palette Snoop: This function is not supported, Is is always disabled. 0
= Disable; 1 = Enable.
4memWrInvalid
RO
0
Memory Write and Invalidate: Allow the CS4210 to do memory write and
invalidate cycles. 0 = Disable; 1 = Enable.
If disabled, memory write commands must be used.
3
specCycRec
RO
0
Special Cycles: This function is not supported and is always disabled. 0 =
Disable; 1 = Enable.
2
masterEn
R/W
0
Bus Master: Allow the CS4210 bus mastering capabilities.
0 = Disable; 1 = Enable.
1
memoryAccess
R/W
0
Memory Space Access: Allow the CS4210 to respond to memory cycles
from the PCI bus. 0 = Disable; 1 = Enable.
This bit must be set to 1 to access memory offsets through BAR0 (Index
10h) and BAR1 (Index 14h).
0
ioAccess
RO
0
I/O Space Access: Allow the CS4210 to respond to I/O cycles from the PCI
bus. 0 = Disable; 1 = Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com