Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 66Page - National Semiconductor (TI) CS4210 Datasheet HTML 67Page - National Semiconductor (TI) CS4210 Datasheet HTML 68Page - National Semiconductor (TI) CS4210 Datasheet HTML 69Page - National Semiconductor (TI) CS4210 Datasheet HTML 70Page - National Semiconductor (TI) CS4210 Datasheet HTML 71Page - National Semiconductor (TI) CS4210 Datasheet HTML 72Page - National Semiconductor (TI) CS4210 Datasheet HTML 73Page - National Semiconductor (TI) CS4210 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
www.national.com
70
Revision 1.0
Register Descriptions (Continued)
4.4.16 Interrupts
The CS4210 reports two classes of interrupts to the host:
DMA interrupts and device interrupts. DMA interrupts are
generated when DMA transfers complete (or are aborted).
Device interrupts come directly from the remaining 1394
Open HCI logic. For example, one of these interrupts could
be sent in response to the asserting edge of cycleStart, a
signal which indicates that a new isochronous cycle has
started.
The CS4210 contains two primary 32-bit registers to report
and control interrupts: IntEvent and IntMask. Both registers
have two addresses: a “Set” address and a “Clear”
address. For a write to either register, a “one” bit written to
the “Set” address causes the corresponding bit in the regis-
ter to be set (excluding bits which are read-only), while a
“one” bit written to the “Clear” address causes the corre-
sponding bit to be cleared. For both addresses, writing a
“zero” bit has no effect on the corresponding bit in the reg-
ister.
The IntEvent register contains the actual interrupt request
bits. Each of these bits corresponds to either a DMA com-
pletion event, or a transition on a device interrupt line. The
IntMask register is ANDed with the IntEvent register to
enable selected bits to generate processor interrupts. Soft-
ware writes to the IntEvent Clear register to clear interrupt
conditions reported in the IntEvent register.
A processor interrupt is generated when one or more
unmasked bits are set in the IntEvent register. Low-level
software responds to the interrupt by reading the IntEvent
register, then writing the value read to the IntEvent Clear
register. At this point the interrupt request is deasserted
(assuming no new interrupt bit has been set). Software can
proceed to process the reported interrupts in whatever pri-
ority order it chooses, and is free to re-enable interrupts as
soon as the IntEvent Clear register is written.
In addition, the CS4210 contains four secondary 32-bit reg-
isters to report and control interrupts for isochronous trans-
mit and receive contexts. Each register has two addresses:
a “Set” address and a “Clear” address.
4.4.16.1 IntEvent Register
This register reflects the state of the various interrupt
sources from the 1394 Open HCI. The interrupt bits are set
by an asserting edge of the corresponding interrupt signal,
or by software by writing a one to the corresponding bit in
the IntEvent Set register. They are cleared by writing a one
to the corresponding bit in the IntEvent Clear register.
Reading the IntEvent Set register (BAR0+Offset 80h)
returns the current state of the IntEvent register. Reading
the IntEvent Clear register (BAR0+Offset 84h) returns the
masked version of the IntEvent register (IntEvent and Int-
Mask).
Table 4-26. BAR0+Offset 80h (Set) and 84h (Clear): IntEvent Register
Bit
Name
Access
Reset
Description
31:27
RSVD
--
0
Reserved
26
phyRegRcvd
RSCU
Undef
PHY Register Received: The CS4210 has received a PHY register data
byte which can be read from the PHY control register (see Section 4.4.20
"PHYControl Register" on page 77).
25
cycleTooLong
RSCU
Undef
Cycle Too Long: If LinkControl.cycleMaster (BAR0+Offset E0h[21] is set,
this indicates that an isochronous cycle lasted longer than the allotted time.
For implementations with a discrete cycleTooLong timer, hardware is
expected to trigger this event no less than 115 seconds and no more than
120 seconds after sending a cycle start packet unless a subaction gap or
bus reset indication is first observed. LinkControl.cycleMaster is cleared by
this event.
24
unrecoverableError
RSCU
Undef
Unrecoverable Error: This event occurs when the CS4210 encounters any
error that forces it to stop operations on any or all of its subunits. For exam-
ple, when a DMA context sets its contextControl.dead bit. While unrecover-
ableError is set, all normal interrupts for the context(s) that caused this
interrupt are blocked from being set.
23
cycleInconsistent
RSC
Undef
Cycle Inconsistent: A cycle start was received that had an isochronous
cycleTimer.seconds and isochronous cycleTimer.count different from the
value in the IsochCycleTimer register (BAR0+Offset F0h, see Section
4.4.21 "IsochCycleTimer Register" on page 77). The CS4210 indicates a
cycleInconsistent if a host initiated write changes the cycleSeconds or
cycleCount fields of the cycleTimer register. For the effect of this condition
on isochronous transmit and receive, refer to Section 3.8.3 "Isochronous
Transmit and Receive" on page 30.
22
cycleLost
RSCU
Undef
Cycle Lost: A lost cycle is indicated when no cycle_start packet is sent/
received between two successive cycleSynch events.
21
cycle64Seconds
RSCU
Undef
Cycle 64 Seconds: Indicates that the 7th bit of the cycle second counter
has changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com