Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 73Page - National Semiconductor (TI) CS4210 Datasheet HTML 74Page - National Semiconductor (TI) CS4210 Datasheet HTML 75Page - National Semiconductor (TI) CS4210 Datasheet HTML 76Page - National Semiconductor (TI) CS4210 Datasheet HTML 77Page - National Semiconductor (TI) CS4210 Datasheet HTML 78Page - National Semiconductor (TI) CS4210 Datasheet HTML 79Page - National Semiconductor (TI) CS4210 Datasheet HTML 80Page - National Semiconductor (TI) CS4210 Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
Revision 1.0
77
www.national.com
Register Descriptions (Continued)
4.4.20 PHYControl Register
The PHYControl register (Table 4-35) is used to read or
write a CS4103 register. To read a register, the address of
theregisteriswrittentothe regAddr fieldalong witha1in
the rdReg bit. When the read request has been sent to the
CS4103 (through the LREQ pin), the rdReg bit is cleared to
0. When the CS4103 returns the register, the rdDone bit
transitions to 1 and the IntEvent.phyRegRcvd interrupt
(BAR0+Offset 80h[26]) is set. The address of the register
received is placed in the rdAddr field and the contents in
the rdData field. Software must not issue a read of CS4103
register 0. The most recently available contents of this reg-
ister is reflected in the NodeID register (see Section 4.4.19
"Node ID and Status Register" on page 76). To write to a
CS4103 register, the address of the register is written to
the regAddr field, the value to write to the wrData field, and
a 1 to the wrReg bit. The wrReg bit is cleared when the
write request has been transferred to the CS4103. Soft-
ware must serialize all CS4103 register reads and writes.
Only after the current CS4103 register read or write com-
pletes may software issue a different CS4103 register read
or write.
4.4.21 IsochCycleTimer Register
The IsochCycleTimer register (Table 4-36) is a read/write
register that shows the current cycle number and offset.
The cycle timer register is split up into three fields. The
lower order 12 bits are the cycle offset, the middle 13 bits
are the cycle count, and the upper order 7 bits count time in
seconds. When the CS4210 is cycle master, this register is
transmitted with the cycle start message. When the
CS4210 is not the cycle master, this register is loaded with
thedatafield in each incoming cyclestart.Inthe eventthat
the cycle start message is not received, the fields continue
incrementing on their own (when cycleTimerEnable is set
in the LinkControl register, BAR0+Offset E0h[20]) to main-
tain a local time reference.
Table 4-35. BAR0+Offset ECh: PHYControl Register
Bit
Name
Access
Reset
Description
31
rdDone
RU
Undef
Read Done: rdDone is cleared to 0 by the CS4210 when either rdReg or
wrReg is set to 1. This bit is set to 1 when a register transfer is received
from the CS4103.
30:28
RSVD
--
0
Reserved
27:24
rdAddr
RU
Undef
Read Address: This is the address of the register most recently received
from the CS4103.
23:16
rdData
RU
Undef
Read Data: Contains the data read from the CS4103 register at rdAddr.
15
rdReg
RWU
0
Read Register: Set rdReg to initiate a read request to a CS4103 register.
This bit is cleared when the read request has been sent. The wrReg bit
must not be set while the rdReg bit is set.
14
wrReg
RWU
0
Write Register: Set wrReg to initiate a write request to a CS4103 register.
This bit is cleared when the write request has been sent. The rdReg bit
must not be set while the wrReg bit is set.
13:12
RSVD
--
0
Reserved
11:8
regAddr
RW
Undef
Register Address: regAddr is the address of the CS4103 register to be
written or read.
7:0
wrData
RWU
Undef
Write Data: This is the contents to be written to a CS4103 register. Ignored
for a read.
Table 4-36. BAR0+Offset F0h: IsochCycleTimer Register
Bit
Name
Access
Reset
Description
31:25
cycleSeconds
RWU
N/A
Cycle Seconds: This field counts seconds (cycleCount rollovers) modulo
128.
24:12
cycleCount
RWU
N/A
Cycle Count: This field counts cycles (cycleOffset rollovers) modulo 8000.
11:0
cycleOffset
RWU
N/A
Cycle Offset: This field counts 24.576 MHz clocks modulo 3072, (i.e., 125
µs). If an external 8 kHz clock configuration is being used, cycleOffset is set
to 0 at each tick of the external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com