Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 98 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 98 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 94Page - National Semiconductor (TI) CS4210 Datasheet HTML 95Page - National Semiconductor (TI) CS4210 Datasheet HTML 96Page - National Semiconductor (TI) CS4210 Datasheet HTML 97Page - National Semiconductor (TI) CS4210 Datasheet HTML 98Page - National Semiconductor (TI) CS4210 Datasheet HTML 99Page - National Semiconductor (TI) CS4210 Datasheet HTML 100Page - National Semiconductor (TI) CS4210 Datasheet HTML 101Page - National Semiconductor (TI) CS4210 Datasheet HTML 102Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 98 / 102 page
background image
www.national.com
98
Revision 1.0
Electrical Specifications (Continued)
5.2
ABSOLUTE MAXIMUM RATINGS
Table 5-2 lists the absolute maximum ratings for the
CS4210. Stresses beyond the listed ratings may cause
permanent damage to the device. Exposure to conditions
beyond these limits may (1) reduce device reliability and (2)
result in premature failure even when there is no immedi-
ately apparent sign of failure. Prolonged exposure to condi-
tions at or near the absolute maximum ratings may also
reduce useful life and reliability. These are stress ratings
only and do not imply that operation under any conditions
other than those listed in Table 5-3 is possible.
5.3
OPERATING CONDITIONS
All DC and AC parameters were measured under the oper-
ating conditions listed in Table 5-3.
Table 5-2. Absolute Maximum Ratings
Parameter
Units
Supply Voltage, VDD,VDDIO
–0.5V to 3.75V
Input Voltage
–0.5V to VDDIO +1.7V
Output Voltage
–0.5V to VDDIO +0.5V
Storage Temperature, TSTG
–65
°C to 150°C
ESD Tolerance
2000V
Lead Temperature, TL
230
°C (Soldering 10 seconds)
Table 5-3. Operating Conditions
Parameter
Units
I/O Supply Voltage, VDDIO
3.0V to 3.6V
Supply Voltage, VDD
2.3V to 2.7V
Operating Temperature, TA
0
°Cto 70°C
Power Dissipation, PD
300 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com