Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 79Page - National Semiconductor (TI) CS4210 Datasheet HTML 80Page - National Semiconductor (TI) CS4210 Datasheet HTML 81Page - National Semiconductor (TI) CS4210 Datasheet HTML 82Page - National Semiconductor (TI) CS4210 Datasheet HTML 83Page - National Semiconductor (TI) CS4210 Datasheet HTML 84Page - National Semiconductor (TI) CS4210 Datasheet HTML 85Page - National Semiconductor (TI) CS4210 Datasheet HTML 86Page - National Semiconductor (TI) CS4210 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
Revision 1.0
83
www.national.com
Register Descriptions (Continued)
4.4.25.3 Async Response Receive Context Control
Register
The ContextControl Set/Clear registers contain bits that
control options, operational state, and status for the DMA
context. Software can set selected bits by writing ones to
the corresponding bits in the ContextControl Set register.
Software can clear selected bits by writing ones to the cor-
responding bits in the ContextControl Clear register. It is
not possible for software to set some bits and clear others
in an atomic operation. A read from either register returns
the same.
4.4.25.4 Async Response Receive Command Pointer
Register
The CommandPtr register specifies the address of the con-
text program which is executed when a DMA context is
started. All descriptors are 16-byte aligned, so the four
least-significant bits of any descriptor address must be
zero. The least-significant bit of the CommandPtr register is
used to encode a Z value. For each ARDMA context
(request and response) Z may be either 1 to indicate that
descriptorAddress points to a valid command descriptor, or
0 to indicate that there are no descriptors in the context
program.
Table 4-47. BAR0+Offset 1E0h (Set) and 1E4h (Clear): AsyncRespRxContextControl Register
Bit
Name
Access
Reset
Description
31:16
RSVD
--
0
Reserved
15
run
RSCU
0
Run: The run bit is set by software to enable descriptor processing for a
context and cleared by software to stop descriptor processing. The CS4210
only clears this bit on a hardware or software reset. See Section 3.3.2.1
"ContextControl.run" on page 21 for details.
14:13
RSVD
--
0
Reserved
12
wake
RSU
Undef
Wake: Software sets this bit to 1 to cause the CS4210 to continue or
resume descriptor processing. The CS4210 clears this bit on every descrip-
tor fetch. See Section 3.3.2.2 "ContextControl.wake" on page 21 for details.
11
dead
RU
0
Dead: The CS4210 sets this bit when it encounters a fatal error. The
CS4210 clears this bit when software clears the run bit. See Section 3.3.2.4
"ContextControl.dead" on page 21 for details.
10
active
RU
0
Active: The CS4210 sets this bit to 1 when it is processing descriptors. See
Section 3.3.2.3 "ContextControl.active" on page 21 for details.
9:8
RSVD
--
0
Reserved
7:5
spd
RU
Undef
Speed: This field indicates the speed at which the last packet was received
by this context. 000 = 100 Mbits/sec, 001 = 200 Mbits/sec and 010 = 400
Mbits/sec. All other values are reserved. Software should not attempt to
interpret the contents of this field while the ContextControl.active or Contex-
tControl.wake bits are set.
4:0
eventcode
RU
Undef
Event Code: The packet ack_ code or an “evt_” error code is indicated in
this field. Possible values are: ack_complete, ack_pending, ack_type_error,
evt_descriptor_read, evt_data_write, evt_bus_reset, evt_unknown, and
evt_no_status.
Table 4-48. BAR0+Offset 1ECh: AsyncRespRxCommandPtr Register
Bit
Name
Access
Reset
Description
31:4
descriptorAddress
RWU
Undef
Descriptor Address: Contains the upper 28 bits of the address of a 16-
byte aligned descriptor block. See Section 3.3.2.5 "CommandPtr" on page
22 for details.
3:0
Z
RWU
Undef
ZBit: May be either 1 to indicate that descriptorAddress points to a valid
command descriptor, or 0 to indicate that there are no descriptors in the
context program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com