Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 9Page - National Semiconductor (TI) CS4210 Datasheet HTML 10Page - National Semiconductor (TI) CS4210 Datasheet HTML 11Page - National Semiconductor (TI) CS4210 Datasheet HTML 12Page - National Semiconductor (TI) CS4210 Datasheet HTML 13Page - National Semiconductor (TI) CS4210 Datasheet HTML 14Page - National Semiconductor (TI) CS4210 Datasheet HTML 15Page - National Semiconductor (TI) CS4210 Datasheet HTML 16Page - National Semiconductor (TI) CS4210 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
Revision 1.0
13
www.national.com
Signal Definitions (Continued)
RST#
10
I
PCI Reset
RST# is driven low to reset the device.
PCLK
12
I
Clock
0-33 MHz PCI clock.
PME#
17
O
Power Management Event
PCI power management pin as defined in the PCI Bus Power Management
Specification Revision 1.1.
2.2.2
PHY-Link Interface Signals
Signal Name
Pin No.
I/O
Description
DATA[0:7]
81, 82, 84,
85, 86, 88,
89, 90
I/O
PHY Data
Bidirectional data lines driven by both the Link and PHY layer modules. The
width of the data bus depends on the speed of data transfer rate. Packet rate
for 100 Mbit/sec transfers use DATA[0:1], 200 Mbit/sec transfers use
DATA[0:3], 400 Mbit/sec transfers use DATA[0:7].
Note:
DATA0 is considered the MSB (most significant bit) based upon the
IEEE 1394-1995 specification.
CTRL[0:1]
93, 92
I/O
Control bits 1 and 0
Bidirectional handshaking signals driven by both the Link and PHY layer
modules. The CS4210 and CS4103 use these signals to arbitrate the control
of the PHY-Link interface. The control bits also indicate the type of transfer
communicating between the two layers namely idle, status, receive, and
transmit.
LREQ
97
O
Link Request
Used by the CS4210 to request access of the 1394 bus and to read/write the
internal registers of the CS4103.
SCLK
95
I
Sync Clock
The 49.152 MHz clock input driven by the CS4103’s PLL block synchronized
to the 1394 bus clock. This clock is also used to synchronize the LREQ,
CTRL[0:1], and DATA[0:7] communication protocol between the CS4210
and CS4103.
LPS
99
O
Link Power Status
Indicates the power status of the CS4210. If LPS is low indicating the
CS4210 is not powered, the signals CTRL[0:1], DATA[0:7], and SCLK con-
nected to the CS4210 are disabled.
LNKON
98
I
Link On
Indicates to the CS4210 that the CS4103 has received a Link-On packet
addressed to this node.
DIRECT
79
I
Direct
High indicates direct connection. Low indicates isolation barrier. Set high
when using the single capacitor bus hold isolation.
2.2.1
PCI Bus Interface Signals (Continued)
Signal Name
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com