Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 56Page - National Semiconductor (TI) CS4210 Datasheet HTML 57Page - National Semiconductor (TI) CS4210 Datasheet HTML 58Page - National Semiconductor (TI) CS4210 Datasheet HTML 59Page - National Semiconductor (TI) CS4210 Datasheet HTML 60Page - National Semiconductor (TI) CS4210 Datasheet HTML 61Page - National Semiconductor (TI) CS4210 Datasheet HTML 62Page - National Semiconductor (TI) CS4210 Datasheet HTML 63Page - National Semiconductor (TI) CS4210 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
www.national.com
60
Revision 1.0
Register Descriptions (Continued)
4.4.4
Autonomous CSR Resources
The CS4210 implements a number of autonomous CSR
resources. In particular the 1394 compare-swap bus man-
agement registers are implemented in hardware, as is the
config ROM header, the Bus_Info_Block and access to the
first 1 KB of the configuration ROM. The DMA units handle
external 1394 bus requests to these resources automati-
cally. The serial bus registers shown in Table 4-12 manage
this function for the local host. 1394 requires certain 1394
bus management resource registers be accessible only via
“quadlet read” and “quadlet lock” (compare-and-swap)
transactions, otherwise ack_type_error is sent. These spe-
cial bus management resource registers are implemented
internal to the CS4210 to allow atomic compare-and-swap
access from either the host system or from the 1394 bus.
When these serial bus management resource registers are
accessed from the 1394 bus, the atomic compare-and-
swap transaction is autonomous, without software interven-
tion. If ack_complete is not received to end the transaction
for the generated lock response, IntEvent.lockRespErr
(refer to Table 4-26 on page 70) is triggered. To access
these bus management resource registers from the host,
the registers shown in Table 4-13 are used. To access
these bus management resource registers from the host
bus, first load the CSRReadData register with the new data
value to be loaded into the appropriate resource. Then load
the CSRCompareData register with the expected value.
Finally, write the CSRControl register with the selector
value of the resource. A write to the CSRControl register
initiates a compare-and-swap operation on the selected
resource. When the compare-and-swap operation is com-
plete, the CSRControl register csrDone bit is set, and the
CSRReadData register contains the value of the selected
resource prior to the host initiated compare-and-swap
operation. Note that an arbitrary update of these resources
cannot be done. Only compare-and-swap operations can
be used to modify the contents of these internal resource
registers.
Table4-12. Serial BusRegisters
CSR Address
csrSel Bits
(BAR0+Offset 14h[1:0]
Description
1394-1995
Section #
Reset (Hardware or
Bus Reset)
FFFF_F000_021Ch
00
BUS_MANAGER_ID
8.3.2.3.6
03Fh
FFFF_F000_0220h
01
BANDWIDTH_AVAILABLE
8.3.2.3.7
1333h
FFFF_F000_0224h
10
CHANNELS_AVAILABLE_HI
8.3.2.3.8
FFFF_FFFFh
FFFF_F000_0228h
11
CHANNELS_AVAILABLE_LO
8.3.2.3.8
FFFF_FFFFh
Table 4-13. CSR Registers
Bit
Name
Access
Reset
Description
BAR0+Offset 0Ch
CSRReadData Register
31:0
csrData
RWU
Undef
Control/Status Register Read Data: At start of operation, the data to be
stored if the compare is successful.
BAR0+Offset 10h
CSRCompareData Register
31:0
csrCompare
RW
Undef
Control/Status Register Compare: The data to be compared with the
existing value of the CSR resource.
BAR0+Offset 14h
CSRControl Register
31
csrDone
RU
1
Control/Status Register Done: This bit is set when a compare-swap oper-
ation is completed. It is reset whenever this register is written.
30:2
RSVD
--
0
Reserved
1:0
csrSel
RW
Undef
Control/Status Register Resource Selection:
00 = BUS_MANAGER_ID
01 = BANDWIDTH_AVAILABLE
10 = CHANNELS_AVAILABLE_HI
11 = CHANNELS_AVAILABLE_LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com