Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 12Page - National Semiconductor (TI) CS4210 Datasheet HTML 13Page - National Semiconductor (TI) CS4210 Datasheet HTML 14Page - National Semiconductor (TI) CS4210 Datasheet HTML 15Page - National Semiconductor (TI) CS4210 Datasheet HTML 16Page - National Semiconductor (TI) CS4210 Datasheet HTML 17Page - National Semiconductor (TI) CS4210 Datasheet HTML 18Page - National Semiconductor (TI) CS4210 Datasheet HTML 19Page - National Semiconductor (TI) CS4210 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
www.national.com
16
Revision 1.0
Operational Description (Continued)
3.2
SOFTWARE INTERFACE OVERVIEW
There are three basic means by which software communi-
cates with the CS4210: registers, DMA, and interrupts.
3.2.1
Registers
The host architecture (PCI, for example) is responsible for
mapping the CS4210’s registers into a portion of the host’s
address space.
3.2.2
DMA Operation
DMA transfers in the CS4210 are accomplished through
one of two methods: DMA memory and physical response
DMA.
3.2.2.1
DMA Memory
DMA memory resident data structures are used to describe
lists of data buffers. The CS4210 automatically sequences
through this buffer descriptor list. This data structure also
contains status information regarding the transfers. Upon
completion of each data transfer, the DMA controller condi-
tionally updates the corresponding DMA context command
and conditionally interrupts the processor so it can observe
the status of the transaction. A set of registers within the
CS4210 is used to initialize each DMA context and to per-
form control actions such as starting the transfer.
3.2.2.2
Physical Response DMA
The CS4210 can be programmed to accept 1394 read and
write transactions as reads and writes to host memory
space. In this mode, the CS4210 acts as a bus bridge from
the 1394 bus into host memory. The formats for the data
sent and received in all these modes are specified in the
1394 Open Host Controller Interface Specification Release
1.00.
3.2.3
Interrupts
When any DMA transfer completes (or aborts), an interrupt
may be sent to the host system. In addition to the interrupt
sources which correspond to each DMA context comple-
tion, there is also a set of interrupts which correspond to
other CS4210 functions/units. For example, one of these
interrupts could be sent when a Self-ID packet stream has
been received. The processor interrupt line is controlled by
the IntEvent and IntMask registers. The IntEvent register
indicates which interrupt events have occurred, and the Int-
Mask register is used to enable selected interrupts. Soft-
ware writes to the IntEventClear register to clear interrupt
conditions in IntEvent. In addition, there are registers used
by the isochronous transmit and isochronous receive con-
trollers to indicate interrupt conditions for each context.
Table 3-3 shows a map of the IntEvent and IntMask Set/
Clear registers. Refer to Section 4.4.16.1 "IntEvent Regis-
ter" on page 70 and Section 4.4.16.3 "IntMask Register" on
page 72 for further information details.
3.2.3.1
Asynchronous Transmit Interrupts
Each asynchronous DMA context has one interrupt indica-
tion bit in the IntEvent register. For requests, it is the reqTx-
Complete bit and for responses it is the respTxComplete
bit. This interrupt indication bit is set to one if a completed
OUTPUT_LAST command has the “i” field set to 11b, or if
the “i” field is set to 01b and transmission of the packet did
not yield an ack_complete or an ack_pending.
3.2.3.2
Asynchronous Receive Interrupts
There are two interrupts for each context (request and
response) that software can use to gauge the usage of the
receivebuffers.Ifsoftwareneedstobeinformedofthe
arrival of each packet being sent to the context buffers, it
can use the RQPkt or RSPkt interrupts in the IntEvent reg-
ister. If software needs to be informed of the completion of
a buffer, it can set the descriptor i field to 11b, which trig-
gers either the ARRQ or ARRS interrupt in the IntEvent
register.
Table 3-3. IntEvent and IntMask Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
BAR0+Offset 80h
IntEvent Set Register
BAR0+Offset 84h
IntEvent Clear Register
RSVD
RSVD
BAR0+Offset 88h
IntMask Set Register
BAR0+Offset 8Ch
IntMask Clear Register
RSVD
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com