Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 91Page - National Semiconductor (TI) CS4210 Datasheet HTML 92Page - National Semiconductor (TI) CS4210 Datasheet HTML 93Page - National Semiconductor (TI) CS4210 Datasheet HTML 94Page - National Semiconductor (TI) CS4210 Datasheet HTML 95Page - National Semiconductor (TI) CS4210 Datasheet HTML 96Page - National Semiconductor (TI) CS4210 Datasheet HTML 97Page - National Semiconductor (TI) CS4210 Datasheet HTML 98Page - National Semiconductor (TI) CS4210 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 102 page
background image
Revision 1.0
95
www.national.com
Register Descriptions (Continued)
4.5.8
nscPhysReadCount
The nscPhysReadCount register (Table 4-65) provides sta-
tistics on physical read requests and CSR read requests.
This register is clearedwhena 1iswritten to D0.
4.5.9
nscPhysWriteCount
The nscPhysWriteCount register (Table 4-66) provides sta-
tistics on physical write requests. This register is cleared
when a1 is written toD0.
4.5.10 nscPhysLockCount
The nscPhysLockCount register (Table 4-67) provides sta-
tistics on physical lock requests. This register is cleared
when a1 is writtentoD0.
Table 4-65. BAR1+Offset 40h: nscPhysReadCount
Bit
Name
Access
Reset
Description
31:16
RSVD
--
0
Reserved
15:0
physReadCount
RW
0000h
Physical Read Count: Current count of physical read requests and/or CSR
read requests.
Table 4-66. BAR1+Offset 44h: nscPhysWriteCount Register
Bit
Name
Access
Reset
Description
31:16
RSVD
--
0
Reserved
15:0
physWriteCount
RW
0000h
Physical Write Count: Current count of physical write requests.
Table 4-67. BAR1+Offset 48h: nscPhysLockCount Register
Bit
Name
Access
Reset
Description
31:16
RSVD
--
0
Reserved
15:0
physLockCount
RW
0000h
Physical Lock Count: Current count of physical lock requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com