Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 30Page - National Semiconductor (TI) CS4210 Datasheet HTML 31Page - National Semiconductor (TI) CS4210 Datasheet HTML 32Page - National Semiconductor (TI) CS4210 Datasheet HTML 33Page - National Semiconductor (TI) CS4210 Datasheet HTML 34Page - National Semiconductor (TI) CS4210 Datasheet HTML 35Page - National Semiconductor (TI) CS4210 Datasheet HTML 36Page - National Semiconductor (TI) CS4210 Datasheet HTML 37Page - National Semiconductor (TI) CS4210 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 102 page
background image
www.national.com
34
Revision 1.0
Register Descriptions (Continued)
4.2
REGISTER SUMMARY
The tables in this subsection summarize all the registers of
the CS4210. Included in the tables are the register’s reset
values and page references where the bit formats are
found.
Table 4-2. PCI Configuration Registers Summary
Index
Width
(Bits)
Access
Name
Reset Value
Reference
(Page)
00h-01h
16
R
Vendor Identification Register
1000h
Page 42
02h-03h
16
R
Device Identification Register
000Fh
Page 42
04h-05h
16
RW
PCI Command Register
0000h
Page 42
06h-07h
16
RW
PCI Status Register
0200h
Page 43
08h
8
R
Device Revision ID Register
03h
Page 43
09h-0Bh
24
R
PCI Class Code Register
0C0010h
Page 43
0Ch
8
R
PCI Cache Line Size Register
00h
Page 43
0Dh
8
RW
PCI Latency Timer Register
50h
Page 43
0Eh
8
R
PCI Header Type Register
00h
Page 43
0Fh
8
R
PCI BIST Register
00h
Page 43
10h-13h
32
RW
Base Address Register 0 (BAR0): Sets base address for
memory mapped OHCI Configuration Registers
00000000h
Page 44
14h-17h
32
RW
Base Address Register 1 (BAR1): Sets base address for
memory mapped National Semiconductor device specific
operational registers.
00000000h
Page 44
18h-2B
--
--
Reserved
---
Page 44
2Ch-2Dh
16
R
Subsystem Vendor Identification Register
1
Page 44
2Eh-2Fh
16
R
Subsystem Identification Register
2
Page 44
30h-33h
--
--
Reserved
---
Page 44
34h
8
R
Capabilities Pointer Register
3
Page 45
35h-3Bh
--
--
Reserved
---
Page 45
3Ch
8
RW
Interrupt Line Register
FFh
Page 45
3Dh
8
R
Interrupt Pin Register
01h
Page 45
3Eh
8
R
Min Grant Register
00h
Page 45
3Fh
8
R
Max Latency Register
00h
Page 45
40h-43h
32
RW
PCI HCI Control Register
00h
Page 45
44h
8
R
Capability ID Register
01h
Page 45
45h
8
R
Next Item Pointer Register
00h
Page 45
46h-47h
16
R
Power Management Capabilities Register
4
Page 46
48h-49h
16
R/W
Power Management and Control Status Register
5
Page 46
4Ah
8
R
Power Management CSR Bridge Support
Extension Register
00h
Page 47
4Bh
8
R
Power Management Data Register
00h
Page 47
1.
The reset value must be set in the serial EEPROM to the vendor identification number assigned by the PCI SIG.
2.
The reset value must be set in serial EEPROM to a unique number chosen by the user to represent this PCI device implementation.
3.
The reset value is dependent upon the PCICapabilities bit in the nscControl register (BAR1+Offset 00h[20]) which can be configured
by the serial EEPROM. If enabled in the EEPROM, the reset value of the register is 44h. If not enabled in the EEPROM or if no EE-
PROM is present, then the reset value is 00h.
4.
The reset value is dependent upon the PCICapabilities bit in the nscControl register (BAR1+Offset 00h[20]) which can be configured
by serial EEPROM. If enabled in the EEPROM the reset value of this register is 4000h. If not or if no EEPROM is present, then the
reset value is 000h.
5.
The reset value is dependent upon the PCICapabilities bit in the nscControl register (BAR1+Offset 00h[20]) which can be configured
by serial EEPROM. If enabled in the EEPROM the reset value of this register is 8000h. If not or if no EEPROM is present then the reset
value is 000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com