Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 84Page - National Semiconductor (TI) CS4210 Datasheet HTML 85Page - National Semiconductor (TI) CS4210 Datasheet HTML 86Page - National Semiconductor (TI) CS4210 Datasheet HTML 87Page - National Semiconductor (TI) CS4210 Datasheet HTML 88Page - National Semiconductor (TI) CS4210 Datasheet HTML 89Page - National Semiconductor (TI) CS4210 Datasheet HTML 90Page - National Semiconductor (TI) CS4210 Datasheet HTML 91Page - National Semiconductor (TI) CS4210 Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
www.national.com
88
Revision 1.0
Register Descriptions (Continued)
4.4.27.2 Isoch Receive Command Pointer Register
The CommandPtr register (Table 4-54) specifies the
address of the context program which is executed when a
DMA context is started. All descriptors are 16-byte aligned,
so the four least-significant bits of any descriptor address
must be zero. The four least-significant bits of the Com-
mand Pointer register are used to encode a Z value that
indicates how many physically contiguous descriptors are
pointed to by descriptorAddress. In buffer-fill mode, Z is
either one or zero. In packet-per-buffer mode, Z is from
zero to eight.
These registers are repeated at offsets of 20h times the
context number (see Table 4-52 for offset address assign-
ment).
4.4.27.3 Isoch Receive Context Match Register
The ContextMatch register (Table 4-55) is used to start a
context running on a specified cycle number, to filter incom-
ing isochronous packets based on tag values and to wait
for packets with a specified sync value. All packets are
checked for a matching tag value, and a compare on sync
is only performed when the descriptor’s w field is set to 11.
See 1394 OHCI spec data fields for proper usage of the w
field. This register should only be written when Context-
Control.active is 0, otherwise unspecified behavior results.
These registers are repeated at offsets of 20h times the
context number (see Table 4-52 for offset address assign-
ment).
Table 4-54. IsochRxnCommandPtr Register
Bit
Name
Access
Reset
Description
31:4
descriptorAddress
RWU
Undef
Descriptor Address: Contains the upper 28 bits of the address of a 16-
byte aligned descriptor block. See Section 3.3.2.5 "CommandPtr" on page
22 for details.
3:0
Z
RWU
Undef
Z: Indicates the number of contiguous 16-byte aligned blocks at the
address pointed to by descriptorAddress. If Z is 0, it indicates that the
descriptorAddress is not valid.
Table 4-55. IsochRxnContextMatch Register
Bit
Name
Access
Reset
Description
31
tag3
RW
Undef
Tag 3: If set, this context matches on isochronous receive packets with a
tag field of 11h.
30
tag2
RW
Undef
Tag 2: If set, this context matches on isochronous receive packets with a
tag field of 10h.
29
tag1
RW
Undef
Tag 1: If set, this context matches on isochronous receive packets with a
tag field of 01h.
28
tag0
RW
Undef
Tag 0: If set, this context matches on isochronous receive packets with a
tag field of 00h.
27
RSVD
--
0
Reserved
26:12
cycleMatch
RW
Undef
Cycle Match: Contains a 15-bit value, corresponding to the low order two
bits of cycleSeconds and the 13-bit cycleCount field in the cycleStart
packet. If cycleMatchEnable (bit 29 of corresponding IsochRxnContextCon-
trol register) is set, then this IRDMA context becomes enabled for receives
when the two low order bits of the bus cycleTime.cycleSeconds and
cycleTime.cycleCount (BAR0+Offset F0h) values equal the cycleMatch
value.
11:8
sync
RW
Undef
Synchronous: This field contains the 4-bit field which is compared to the
sync field of each isochronous packet for this channel when the command
descriptor’s w field is set to 11h.
7RSVD
--
0
Reserved
6
tag1SynFilter
RW
Undef
Tag 1 Synchronous Filter: If set and the contextMatch.tag1 bit is set, then
packets with tag 01h shall only be accepted into the context if the two most-
significant bits of the packet’s sync field are 00h. Packets with tag values
other than 01h shall be filtered according to the tag0, tag2 and tag3 bits
above with no additional restrictions.
If clear, this context matches on isochronous receive packets as specified in
the tag[0:3] bits above with no additional restrictions.
5:0
channelNum
RW
Undef
Channel Number: This 6-bit field indicates the isochronous channel num-
ber for which this IRDMA context accepts packets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com