Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 41Page - National Semiconductor (TI) CS4210 Datasheet HTML 42Page - National Semiconductor (TI) CS4210 Datasheet HTML 43Page - National Semiconductor (TI) CS4210 Datasheet HTML 44Page - National Semiconductor (TI) CS4210 Datasheet HTML 45Page - National Semiconductor (TI) CS4210 Datasheet HTML 46Page - National Semiconductor (TI) CS4210 Datasheet HTML 47Page - National Semiconductor (TI) CS4210 Datasheet HTML 48Page - National Semiconductor (TI) CS4210 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
Revision 1.0
45
www.national.com
Register Descriptions (Continued)
Index 34h
Capabilities Pointer Register
7:0
Capabilities Pointer
RO
See Note
Capabilities Pointer: This register provides a pointer into the PCI configu-
ration header where the PCI power management register block resides.
The configuration header registers residing at Index 44h and 48h provide
the power management registers. The presence of this register is controlled
by the PCICapabilities bit in the nscControl register (BAR1+Offset 00h[20]).
If enabled this register points to Index 44h otherwise it reads zero.
Note:
The reset value is dependent upon the PCICapabilities bit in the nscControl register (BAR1+Offset 00h[20]) which can be con-
figured by the serial EEPROM. If enabled in the EEPROM, the reset value of the register is 44h. If not enabled in the EEPROM
or if no EEPROM is present, then the reset value is 00h.
Index 35h-3Bh
Reserved
Index 3Ch
Interrupt Line Register
7:0
Interrupt Line
R/W
FFh
Interrupt Line: This register is used to identify which of the system inter-
rupt lines on the interrupt controller the CS4210 interrupt pin is routed to.
The reset value of FFh indicates no connection.
Index 3Dh
Interrupt Pin Register
7:0
Interrupt Pin
RO
01h
Interrupt Pin: This register defines which of the four PCI interrupt request
pins this device uses. The CS4210 uses INTA#.
Index 3Eh
Min Grant Register
7:0
Min Grant
RO
00h
Min Grant: This register specifies how many 250 ns periods are required
by the CS4210 for burst transfers. A reset value of 00h specifies no strin-
gent requirements on burst lengths.
Index 3Fh
Max Latency Register
7:0
Max Lat
RO
00h
Max Latency: This register defines how quickly the CS4210 requires the
PCI bus after its REQ# has been asserted. The value of zero indicates
there are no stringent requirements for PCI bus latency.
Index 40h-43h
Reserved
Index 44h
Capability ID Register
7:0
CapabilityID
RO
01h
Capability ID: This register specifies that the CS4210 supports PCI power
management. It reads zero if the Capabilities Pointer (Index 34h[7:0]) is dis-
abled. When visible, the value of 01h is the unique ID assigned to PCI
power management capability by the PCI SIG.
Index 45h
Next Item Pointer Register
7:0
NextItemPointer
RO
00h
Next Item Pointer: This register specifies the pointer to the next capability
item. This field returns 0 indicating that only one additional capability is sup-
ported.
Table 4-6. PCI Configuration Register Definitions
Bit
Name
Access
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com