Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 55Page - National Semiconductor (TI) CS4210 Datasheet HTML 56Page - National Semiconductor (TI) CS4210 Datasheet HTML 57Page - National Semiconductor (TI) CS4210 Datasheet HTML 58Page - National Semiconductor (TI) CS4210 Datasheet HTML 59Page - National Semiconductor (TI) CS4210 Datasheet HTML 60Page - National Semiconductor (TI) CS4210 Datasheet HTML 61Page - National Semiconductor (TI) CS4210 Datasheet HTML 62Page - National Semiconductor (TI) CS4210 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
Revision 1.0
59
www.national.com
Register Descriptions (Continued)
4.4.3
ATRetries Register
The ATRetries register (Table 4-11) holds the number of
times the CS4210 attempts to do a retry for asynchronous
DMA request transmit and for asynchronous physical and
DMA response transmit. A packet may only be retried when
a “busy” acknowledge or ack_data_error is received from
the target node, including ack_data_error’s resulting from
FIFO underflows. A packet is not retried under any other
circumstance, including receipt of evt_missing_ack.
Table 4-11. BAR0+Offset 08h: ATRetries Register
Bit
Name
Access
Reset
Description
31:29
secondLimit
R
0
Second Limit: Not implemented.
28:16
cycleLimit
R
0
Cycle Limit: Not implemented.
15:11
maxPhysRespRe-
tries
RW
Undef
Maximum Physical Response Retries: This field tells the response unit
within the RDMA module how many times to attempt to retry the transmit
operation for the response packet. Note that this value is used only for
responses to physical requests.
If the retry count expires for a physical response, the packet is discarded by
the CS4210. Software is not notified.
10:8
RSVD
--
0
Reserved
7:4
maxATRespRetries
RW
Undef
Maximum AT Physical Response Retries: This field tells the asynchro-
nous transmit response unit within the ATDMA module how many times to
attempt to retry the transmit operation for a software transmitted (non-phys-
ical) asynchronous response packet.
3:0
maxATReqRetries
RW
Undef
Maximum AT Request Retries: This field tells the asynchronous transmit
request unit within the ATDMA how many times to attempt to retry the trans-
mit operation for an asynchronous request packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com