Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 86Page - National Semiconductor (TI) CS4210 Datasheet HTML 87Page - National Semiconductor (TI) CS4210 Datasheet HTML 88Page - National Semiconductor (TI) CS4210 Datasheet HTML 89Page - National Semiconductor (TI) CS4210 Datasheet HTML 90Page - National Semiconductor (TI) CS4210 Datasheet HTML 91Page - National Semiconductor (TI) CS4210 Datasheet HTML 92Page - National Semiconductor (TI) CS4210 Datasheet HTML 93Page - National Semiconductor (TI) CS4210 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
www.national.com
90
Revision 1.0
Register Descriptions (Continued)
18h-1Bh
nscCmcControl
RSVD
1Ch-1Fh
Reserved
20h-23h
nscTxThreshold
isochTxThrsh
asyncTxThrsh
24h-27h
nscSubSystem
deviceID
vendorID
28h-3Fh
Reserved
40h-43h
nscPhysReadCount
RSVD
physReadCount
44h-47h
nscPhysWriteCount
RSVD
physWriteCount
48h-4Bh
nscPhysLockCount
RSVD
physLockCount
4Ch-5Fh
Reserved
60h-63h
nscBusmgrID
busmgrID
64h-67h
nscBandwAvail
bandwAvail
68h-6Bh
nscChanAvailHi
chanAvailHi
6Ch-6Fh
nscChanAvailLo
chanAvailLo
Table 4-56. NSC Specific Configuration Register Map Summary: BAR1+Offset xxh (Continued)
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com