Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 70Page - National Semiconductor (TI) CS4210 Datasheet HTML 71Page - National Semiconductor (TI) CS4210 Datasheet HTML 72Page - National Semiconductor (TI) CS4210 Datasheet HTML 73Page - National Semiconductor (TI) CS4210 Datasheet HTML 74Page - National Semiconductor (TI) CS4210 Datasheet HTML 75Page - National Semiconductor (TI) CS4210 Datasheet HTML 76Page - National Semiconductor (TI) CS4210 Datasheet HTML 77Page - National Semiconductor (TI) CS4210 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
www.national.com
74
Revision 1.0
Register Descriptions (Continued)
4.4.16.6
IsochRxIntEvent Register
There are two 32-bit registers to report isochronous receive
context interrupts: IsochRxIntEvent and IsochRxIntMask.
Both registers are set and clear. For all four addresses,
writing a “zero” bit has no effect on the corresponding bit in
the register. The IsochRxIntEvent register contains the
actual interrupt request bits. Each of these bits corre-
sponds to a DMA completion event for the indicated isoch-
ronous receive context. The IsochRxIntMask register is
ANDed with the IsochRxIntEvent register to enable
selected bits to generate processor interrupts. If (IsochRx-
IntMask and IsochRxIntEvent) are not zero, then the Isoch-
RxIntn bit is set to one, and if enabled via the IntMask
register it generates a processor interrupt. A software write
to the IsochRxIntEvent Set register can therefore cause an
interrupt (if not otherwise masked). A software write to the
IsochRxIntEvent Clear register clears interrupt conditions
reported in the IsochRxIntEvent register. Reading the Iso-
chRxIntEvent Set register returns the current state of the
IsochRxIntEvent register. Reading the IsochRxIntEvent
Clear register returns the masked version of the IsochRx-
IntEvent register (IsochRxIntEvent and IsochRxIntMask).
The IsochRxIntEvent register reflects the interrupt state of
the isochronous receive contexts. An interrupt is generated
on behalf of an isochronous receive context if a final com-
mand of a DMA descriptor block completes and its i bits are
set to 11b (interrupt always). Upon determining that the
IsochRx interrupt has occurred, software can check the
IsochRxIntEvent register to determine which context(s)
caused the interrupt.
4.4.16.7 IsochRxIntMask Register
The bits in the IsochRxIntMask register have the same for-
mat as the IsochRxIntEvent register. Setting a bit in this
register enables the corresponding bit in the IsochRxInt-
Mask Set register and is cleared by writing a one to the cor-
responding bit in the IsochRxIntMask Clear register. Bits
for all unimplemented contexts read as 0’s. Software can
use this register to determine which contexts are supported
by writing to it with all 1’s then reading it back. Contexts
with a 1 are implemented, and those with a 0 are not.
Table 4-30. BAR0+Offset A0h (Set) and A4h (Clear): IsochRxIntEvent Register
Bit
Name
Access
Reset
Description
31:8
RSVD
--
0
Reserved
7
isochRxInt7
RSC
Undef
Isochronous Receive Contexts Interrupt Event: Set to one when the cor-
responding isochronous receive context interrupts and the Interrupt Mask is
enabled.
6
isochRxInt6
5
isochRxInt5
4
isochRxInt4
3
isochRxInt3
2
isochRxInt2
1
isochRxInt1
0
isochRxInt0
Table 4-31. BAR0+Offset A8h (Set) and ACh (Clear): IsochRxIntMask Register
Bit
Name
Access
Reset
Description
31:8
RSVD
--
0
Reserved
7
isochRxIntMask7
RSC
Undef
Isochronous Receive Contexts Interrupt Mask Set: Set to one enables
the corresponding bit in the IsochRxIntEvent Register.
6
isochRxIntMask6
5
isochRxIntMask5
4
isochRxIntMask4
3
isochRxIntMask3
2
isochRxIntMask2
1
isochRxIntMask1
0
isochRxIntMask0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com