Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CS4210 Datasheet HTML 1Page - National Semiconductor (TI) CS4210 Datasheet HTML 2Page - National Semiconductor (TI) CS4210 Datasheet HTML 3Page - National Semiconductor (TI) CS4210 Datasheet HTML 4Page - National Semiconductor (TI) CS4210 Datasheet HTML 5Page - National Semiconductor (TI) CS4210 Datasheet HTML 6Page - National Semiconductor (TI) CS4210 Datasheet HTML 7Page - National Semiconductor (TI) CS4210 Datasheet HTML 8Page - National Semiconductor (TI) CS4210 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
© 2000 National Semiconductor Corporation
www.national.com
General Description
The National Semiconductor® Geode™ CS4210 is a PCI-
based IEEE 1394 OHCI (Open Host Controller Interface)
controller. The CS4210 provides an implementation of the
IEEE 1394 Link Layer functionality according to the pro-
gramming model defined by 1394 OHCI Specification Ver-
sion 1.0. It supports high speed serial communication up to
400 Mbits per second.
The CS4210 is an implementation of the link layer protocol
of the IEEE 1394 high speed serial bus, with additional fea-
tures to support the transaction and bus management lay-
ers. The CS4210 also includes DMA engines for high
speed performance data transfer and a host PCI bus inter-
face. Perfect for use in PC, set-top box, thin client, and
WebPAD™ system applications.
The CS4210 supports two types of data transfers: asyn-
chronous and isochronous.
The CS4210 provides an external IEEE 1394 physical layer
device interface. The CS4210’s physical layer interface
(PHY-Link) is compatible with the Geode™ CS4103 and
other IEEE 1394 physical layer devices.
Features
 Supports 100, 200, and 400 Mbit/sec data transfer rates
 Compliant with 1394 OHCI Specification Version 1.0
 Compatible interface with the Geode CS4103 IEEE
P1394a Physical Layer (PHY) device and other IEEE
1394-1995 version and P1394a Draft 2.0 Physical Layer
devices
 Eight isochronous transmit contexts
 Eight isochronous receive contexts
 Capable of reading a 128-byte descriptor in one burst
 128 byte, zero wait state bursting
 Dynamically re-prioritize services
 2 KB of isochronous transmit FIFO
 2 KB of asynchronous transmit FIFO
 4 KB of receiver FIFO
 Per-packet FIFO thresholding
 Four concurrent posted writes
 Eight pending physical responses
 National specific configuration registers
 I2C interface support for an optional serial EEPROM
 Accepts and generates external 8 kHz reference clock
 5V tolerant PCI rev 2.1 I/O interface
 0.25µ CMOS
 100-pin LQFP (Low-profile Quad Flat Pack) package
 NAND tree for test purposes
System Block Diagram
Geode™ CS4210
IEEE 1394
OHCI Controller
Geode™ CS4103
P1394a
Physical Layer
EEPROM
I2C Interface
PCI Interface
PHY-Link Interface
PCI Bus
IEEE 1394
Cable
Connectors
July 2000
Geode™ CS4210 IEEE 1394
OHCI Controller
National Semiconductor is a registered trademark of National Semiconductor Corporation.
Geode and WebPAD are trademarks of National Semiconductor Corporation.
For a complete listing of National Semiconductor trademarks, please visit www.national.com/trademarks.


Similar Part No. - CS4210

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
CS4215-KL CIRRUS-CS4215-KL Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
CS4215-KQ CIRRUS-CS4215-KQ Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
CS4216-KL CIRRUS-CS4216-KL Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
More results

Similar Description - CS4210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
IEEE 1394 LINK LAYER CONTROLLER
TSB12LV22 TI-TSB12LV22 Datasheet
657Kb / 45P
OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV23 TI-TSB12LV23 Datasheet
342Kb / 85P
TSB12LV23 OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
logo
List of Unclassifed Man...
82C881 ETC1-82C881 Datasheet
229Kb / 46P
FireLink 1394 OHCI Link Controller
logo
Texas Instruments
TSB12LV26-EP TI1-TSB12LV26-EP Datasheet
472Kb / 85P
OHCI-LYNX PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV26 TI1-TSB12LV26_14 Datasheet
82Kb / 6P
OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
TSB12LV22 TI1-TSB12LV22_12 Datasheet
586Kb / 45P
OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP_14 Datasheet
476Kb / 85P
OHCI-Lynx PCI-Based IEEE 1394 Host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com