Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 36Page - National Semiconductor (TI) CS4210 Datasheet HTML 37Page - National Semiconductor (TI) CS4210 Datasheet HTML 38Page - National Semiconductor (TI) CS4210 Datasheet HTML 39Page - National Semiconductor (TI) CS4210 Datasheet HTML 40Page - National Semiconductor (TI) CS4210 Datasheet HTML 41Page - National Semiconductor (TI) CS4210 Datasheet HTML 42Page - National Semiconductor (TI) CS4210 Datasheet HTML 43Page - National Semiconductor (TI) CS4210 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
www.national.com
40
Revision 1.0
Register Descriptions (Continued)
4.3
PCI CONFIGURATION REGISTERS
The PCI configuration space for the CS4210 is header type
0. Header type 0 is the format for the device’s configuration
header region which is the first 16 DWORDs of PCI config-
uration space. The configuration and operational registers
are memory mapped into PCI memory address space and
pointedtobyBaseAddress Registers(BARs) in thePCI
configuration space. PCI configuration space is not directly
memory or I/O mapped - its access is system dependent. A
software reset issued through the HCControl register does
not affect the contents of the PCI configuration space.
Table 4-5 is a map for the PCI Configuration Registers.
Table 4-6 gives detailed bit information.
Table 4-5. PCI Configuration Register Map: Index xxh
Index
Bits
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
76543210
00h-
03h
Device Identification Register
Vendor Identification Register
Device ID
Vendor ID
04h-
07h
Status Register
Command Register
devsel
Timing
RSVD
RSVD
08h-
0Bh
PCI Device Class Code
Revision ID
Base Class
Sub Class
Programming Interface
revisionID
0Ch-
0Fh
PCI BIST Register
PCI Header Type
PCI Latency Timer
Register
PCI Cache Line Size
Register
BIST
Header Type
latencyTimer
cacheLineSize
10h-
13h
Base Address Register 0 - OHCI Configuration Registers
Base Address 0
RSVD
TP
14h-
17h
Base Address Register 1 - National Specific Configuration Registers
Base Address 0
RSVD
TP
18h-
2Bh
Reserved
2Ch-
2Fh
Subsystem ID
Subsystem Vendor ID
Subsystem ID
Subsys Vend ID
30h-
33h
Reserved
34h-
37h
Reserved
Capabilities
RSVD
Capabilities Pointer
38h-
3Bh
Reserved
3Ch-
3Fh
Max Latency
Min Grant
Interrupt Pin
Interrupt Line
Max Latency
Min Grant
Interrupt Pin
Interrupt Line
40h-
43h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com