Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 18Page - National Semiconductor (TI) CS4210 Datasheet HTML 19Page - National Semiconductor (TI) CS4210 Datasheet HTML 20Page - National Semiconductor (TI) CS4210 Datasheet HTML 21Page - National Semiconductor (TI) CS4210 Datasheet HTML 22Page - National Semiconductor (TI) CS4210 Datasheet HTML 23Page - National Semiconductor (TI) CS4210 Datasheet HTML 24Page - National Semiconductor (TI) CS4210 Datasheet HTML 25Page - National Semiconductor (TI) CS4210 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
www.national.com
22
Revision 1.0
Operational Description (Continued)
3.3.2.5
CommandPtr
Software initializes CommandPtr.descriptorAddress to con-
tain the address of the first descriptor block that the
CS4210 accesses when software enables the context by
setting ContextControl.run. Software also initializes Com-
mandPtr.Z to indicate the number of descriptors in the first
descriptor block. Software only writes to this register when
both ContextControl.run and ContextControl.active are
zero. The CS4210’s behavior when this rule is violated is
undefined. Since the CS4210 utilizes the CommandPtr reg-
ister while processing a context, there is a set of guidelines
by which software may safely and deterministically read
CommandPtr. These guidelines are based on the Context-
Control bits as listed in Table 3-8 (X = don’t care).
If ContextControl.run is set and ContextControl.dead is not
set, then the contents of CommandPtr are only specified if
both ContextControl.active and ContextControl.wake are
clear. In this instance, CommandPtr.descriptorAddress
contains the address of a descriptor within the last descrip-
tor block that was executed. If ContextControl.run and Con-
textControl.dead are both set, then descriptorAddress
points to a descriptor within the descriptor block in which
an unrecoverable error occurred. Except for the case
where software initializes CommandPtr, the value of Com-
mandPtr.Z is undefined and Z may contain a value that is
implementation dependent. The value of CommandPtr is
undefined after a hardware or software reset of the
CS4210. When software sets ContextControl.run to 1 and
CommandPtr.Z contains an invalid value for the controller
and context, or if a Z value is invalid for a fetched descriptor
block in a running context, the CS4210: sets ContextCon-
trol.dead
to
1
and
sets
ContextControl.event
to
evt_unknown and will not process any descriptors in that
context.
Table 3-8. CommandPtr Read Values
ContextControl Bits
CommandPtr.descriptor Address Value
run
dead
active
wake
0
0
0
X
A descriptor block address. Either last written or last executed.
0
0
1
X
Contents unspecified.
1000
Refers to the descriptor block that contains the Z = 0 that caused the
CS4210 to set active to 0.
1001
Contents unspecified.
1010
Contents unspecified.
1011
Contents unspecified.
1
1
0
X
Points to the descriptor block in which a fatal error occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com