Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 75Page - National Semiconductor (TI) CS4210 Datasheet HTML 76Page - National Semiconductor (TI) CS4210 Datasheet HTML 77Page - National Semiconductor (TI) CS4210 Datasheet HTML 78Page - National Semiconductor (TI) CS4210 Datasheet HTML 79Page - National Semiconductor (TI) CS4210 Datasheet HTML 80Page - National Semiconductor (TI) CS4210 Datasheet HTML 81Page - National Semiconductor (TI) CS4210 Datasheet HTML 82Page - National Semiconductor (TI) CS4210 Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
Revision 1.0
79
www.national.com
Register Descriptions (Continued)
4.4.23 Physical Request Filter Registers
If an asynchronous request is allowed from a node, and the
offset is 0000_FFFF_FFFFh, the sourceID of the request is
used as an index into the PhysicalRequestFilter. If the cor-
responding bit in the PhysicalRequestFilter is set to 0, then
the request is forwarded to the Asynchronous Request
Receive DMA context. If, however, the bit is set to 1, then
the request is sent to the physical response unit. (Note that
within the physical range, lock transactions and block trans-
actions with a non-zero extended tcode are always for-
warded to the Asynchronous Request Receive DMA
context (see Section 3.6 "Physical Requests" on page 26.).
This register is set and clear. If bit physReqResourceN is
set, then requests with a sourceID of either {3FFh, #n} or
{busID, #n} (where n is the node number) are accepted. If
the physReqResourceAllBuses bit is set in PhysicalRe-
questFilterHi, physical requests from any device on any
other bus are accepted (bus number other than 3FFh and
busID). Physical requests that are rejected by the Physical-
RequestFilter are sent to the AR Request DMA context if
the AR Request DMA context is enabled. If it is disabled,
then the CS4210 ignores the requests. Reading the Physi-
calRequestFilter registers returns their current state. All
bits in the PhysicalRequestFilter are set to 0 on a 1394 bus
reset.
Table 4-39. BAR0+Offset 110h (Set) and 114h (Clear): PhysicalRequestHi Register
Bit
Name
Access
Reset
Description
31
physReqRe-
sourceAllBuses
RSCU
0
Asynchronous Physical Requests Resource All Buses: If setto one,all
asynchronous physical requests received by the CS4210 from non-local
bus nodes are accepted.
30:0
physReqResourceN
RSCU
00h
Asynchronous Physical Requests Resource [62:32]: If set to one for
local bus node number N, then asynchronous physical requests received by
the CS4210 from that node are accepted.
Table 4-40. BAR0+Offset 118h (Set) and 11Ch (Clear): PhysicalRequestLo Register
Bit
Name
Access
Reset
Description
31:0
physReqResourceN
RSCU
00h
Asynchronous Physical Requests Resource [31:0]: If set to one for local
bus node number N, then asynchronous physical requests received by the
CS4210 from that node are accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com