Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 26Page - National Semiconductor (TI) CS4210 Datasheet HTML 27Page - National Semiconductor (TI) CS4210 Datasheet HTML 28Page - National Semiconductor (TI) CS4210 Datasheet HTML 29Page - National Semiconductor (TI) CS4210 Datasheet HTML 30Page - National Semiconductor (TI) CS4210 Datasheet HTML 31Page - National Semiconductor (TI) CS4210 Datasheet HTML 32Page - National Semiconductor (TI) CS4210 Datasheet HTML 33Page - National Semiconductor (TI) CS4210 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 102 page
background image
www.national.com
30
Revision 1.0
Operational Description (Continued)
3.8
BUS RESETS
When a 1394 bus reset occurs, certain actions must be
taken by software for proper operation of the DMA con-
texts. These actions and the behavior of the CS4210 are
described in the following subsections.
3.8.1
Asynchronous Transmit
Upon detection of a bus reset, the CS4210 ceases trans-
mission of asynchronous transmit packets. When this
occurs there are two possibilities for AT packets that are left
in the FIFO.
• Case 1 is when a bus reset occurs after the packet was
transmitted but before an ack was received. For this
category, the link side of the CS4210 returns
evt_missing_ack.
• Case 2 is when a bus reset occurs after the packet is
placed in the FIFO but before it is transmitted. For this
category, the link side of the CS4210 returns
evt_flushed.
When each context becomes stable (all data transfers have
been halted and status writes have been completed), the
CS4210 clears the corresponding ContextControl.active
bit.
When a bus reset occurs, the link side flushes the asyn-
chronous transmit FIFO(s) until the IntEvent.busReset con-
dition
is
cleared.
Software
must
make
sure
that
IntEvent.busReset is not cleared until:
1)
software has cleared the ContextControl.run bits for
both Asynchronous Transmit contexts, and
2)
both Asynchronous Transmit contexts have acqui-
esced and both ContextControl.active fields are zero.
This is to ensure that all queued asynchronous pack-
ets (with potentially stale node numbers) are flushed.
Once the contexts are no longer active, software may clear
the busReset interrupt condition, and hardware stops flush-
ing the asynchronous transmit FIFO(s). Before setting Con-
textControl.run for either context following a bus reset,
software must ensure that NodeID.iDValid is set and that
NodeID.nodeNumber (Section 4.4.19 "Node ID and Status
Register" on page 76) does not equal 63.
3.8.2
Asynchronous Receive
To assist software in determining which asynchronous
request packets arrived before and after a bus reset, this is
necessary since node numbers may have changed, the
CS4210 inserts a synthesized CS4103 packet into the AR
DMA Request Context buffer (if active) as soon as a bus
reset condition is detected. The format of the packet can be
found in the 1394 OHCI specification.
Software can distinguish the bus-reset packet from authen-
tic CS4103 packets by the value of eventCode which is set
to evt_bus_reset. Software can further interpret and coordi-
nate received asynchronous packets across multiple bus
resets by using the selfIDGeneration number provided in
the bus-reset packet. Since the bus-reset packet is fabri-
cated when a bus reset is initially detected, the selfIDGen-
eration number is for the new (not previous) generation and
is the same as the selfIDGeneration number in the SelfID-
Count register as well as in the selfID buffer. If more than
one bus reset has occurred without any intervening pack-
ets, then only the “last” one is required to result in a synthe-
sized bus-reset packet. If the input FIFO is full when a bus
reset occurs, the link side of the FIFO inserts the bus-reset
packet when space becomes available. If the AR DMA
request context does not have enough buffer space for the
bus-reset packet, the packet is synthesized once buffer
space
becomes
available.
The
bus
reset
interrupt
(IntEvent.busReset) is independent on the time when this
packet goes from the FIFO into a host buffer. This interrupt
shall occur as soon as possible after a bus reset has been
detected. The bus-reset packet is no different from any
other packet going into the AR Request buffer in that
IntEvent.RQPkt is generated like it is for other packets.
3.8.3
Isochronous Transmit and Receive
Bus reset does not affect isochronous contexts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com