Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 88Page - National Semiconductor (TI) CS4210 Datasheet HTML 89Page - National Semiconductor (TI) CS4210 Datasheet HTML 90Page - National Semiconductor (TI) CS4210 Datasheet HTML 91Page - National Semiconductor (TI) CS4210 Datasheet HTML 92Page - National Semiconductor (TI) CS4210 Datasheet HTML 93Page - National Semiconductor (TI) CS4210 Datasheet HTML 94Page - National Semiconductor (TI) CS4210 Datasheet HTML 95Page - National Semiconductor (TI) CS4210 Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
www.national.com
92
Revision 1.0
Register Descriptions (Continued)
The altMode bits provide fine control over the individual
P1394a features. The individual bit controls for altIdleIn-
sert, altMultiSpd, altAckAccel, and altAckConcat can be
modified by controlling the altMode bits.
These four indi-
vidual bits are considered the modifier in the Table 4-57.
The combination of the individual alt bits and the altMode
determine the enabling of the P1394a feature. For exam-
ple, the second line in the table represents the case where
P1394a features are enables with no modification. The
result field being one indicates that the P1394a feature is
enabled. For the case of the fourth row, if the altAckAccel
bit were set to one for example, then that single P1394a
feature would be disabled as indicated by the zero in the
result column.
3
wpDisable
RW
0
Write Protect Disable: Turn-off write protection of selected vendor specific
registers. 0 = Disable; 1 = Enable.
2
atresBackoff
RW
0
AT Response Context Backoff: Allow backoff timing for retransmission of
asynchronous requests via the AT response context.
0 = Disable; 1 = Enable.
1
atreqBackoff
RW
0
AT Request Context Backoff: Allow backoff timing for retransmission of
asynchronous requests via the AT request context. 0 = Disable; 1 = Enable.
0shortCycle
RW
0
Short Cycle: Allow cycle count to increment when cycle offset = 511
instead of 3071. 0 = Disable; 1 = Enable.
Short cycle operation is intended for testing only.
Table 4-57. BAR1+Offset 00h: nscControl Register (Continued)
Bit
Name
Access
Reset
Description
Table 4-58. altMode
nscControl.altMode
(BAR1+Offset 00h[17:16]
HCControl.aPhyEnhance
Enable
(BAR0+Offset 50h[22])
nscControl.Modifier
(BAR1+Offset 00h[9, 7, 6, 5])
Result
00 or 11 (XOR)
0
0
0
00 or 11
1
0
1
00 or 11
0
1
1
00 or 11
1
1
0
01 (AND)
0
0
0
01
1
0
0
01
0
1
0
01
1
1
1
10 (OR)
0
0
0
10
1
0
1
10
0
1
1
10
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com