Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 48Page - National Semiconductor (TI) CS4210 Datasheet HTML 49Page - National Semiconductor (TI) CS4210 Datasheet HTML 50Page - National Semiconductor (TI) CS4210 Datasheet HTML 51Page - National Semiconductor (TI) CS4210 Datasheet HTML 52Page - National Semiconductor (TI) CS4210 Datasheet HTML 53Page - National Semiconductor (TI) CS4210 Datasheet HTML 54Page - National Semiconductor (TI) CS4210 Datasheet HTML 55Page - National Semiconductor (TI) CS4210 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
www.national.com
52
Revision 1.0
Register Descriptions (Continued)
180h-183h
AsyncReqTxContextControl Set Register
184h-187h
AsyncReqTxContextControl Clear Register
RSVD
FSVD
RSVD
event code
188h-18Bh
Reserved
18Ch-18Fh
AsyncReqTxCommandPtr Register
descriptorAddress
Z
190h-19Fh
Reserved
1A0h-1A3h
AsyncRespTxContextControl Set Register
1A4h-1A7h
AsyncRespTxContextControl Clear Register
RSVD
RSVD
RSVD
event code
1A8h-1ABh
Reserved
1ACh-1AFh
AsyncRespTxCommandPtr Register
descriptoraddress
Z
1B0h-1BFh
Reserved
1C0h-1C3h
AsyncReqRxContextControl Set Register
1C4h-1C7h
AsyncReqRxContextControl Clear Register
RSVD
RSVD
RSVD
spd
event code
1C8h-1CBh
Reserved
1CCh-1CFh
AsyncReqRxCommandPtr Register
descriptorAddress
Z
1D0h-1DFh
Reserved
1E0h-1E3h
AsyncRespRxContextControl Set Register
1E4h-1E7h
AsyncRespRxContextControl Clear Register
RSVD
RSVD
RSVD
spd
event code
1E8h-1EBh
Reserved
1ECh-1EFh
AsyncRespRxCommandPtr Register
descriptorAddress
Z
1F0h-1FFh
Reserved
200h-203h
IsochTx0ContextControl Set Register
204h-207h
IsochTx0ContextControl Clear Register
cyclematch
RSVD
RSVD
event code
208h-20Bh
Reserved
20Ch-20Fh
IsochTx0CommandPtr Register
descriptorAddress
Z
Table 4-8. OHCI Configuration Register Map/Summary: BAR0+Offset xxh (Continued)
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com