Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 90Page - National Semiconductor (TI) CS4210 Datasheet HTML 91Page - National Semiconductor (TI) CS4210 Datasheet HTML 92Page - National Semiconductor (TI) CS4210 Datasheet HTML 93Page - National Semiconductor (TI) CS4210 Datasheet HTML 94Page - National Semiconductor (TI) CS4210 Datasheet HTML 95Page - National Semiconductor (TI) CS4210 Datasheet HTML 96Page - National Semiconductor (TI) CS4210 Datasheet HTML 97Page - National Semiconductor (TI) CS4210 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 102 page
background image
www.national.com
94
Revision 1.0
Register Descriptions (Continued)
4.5.4
nscRAMBist
ThenscRAMBist register (Table4-61) is used to test the
FIFOs implemented in SRAM. The bistGo bit is set and the
bistFail and bistPass bits are polled until one is set, indicat-
ing pass or fail. The CS4210 must be reset before normal
operation can resume.
4.5.5
nscCmcControl
The nscCmcControl register (Table 4-62) controls the state
of theCMC andCMCLpins. Thesepinsare intended for
use with Contender pins on 1394-1995 PHY devices. This
feature is not used on the CS4103.
4.5.6
nscTxThreshold
The nscTxThreshold register (Table 4-63) is used to control
the point at which the transmit FIFOs start sending data
over the 1394 bus. Lowering the threshold value causes
smaller packets to be sent. This register can only be written
to when the nscControl.wpDisable bit (BAR1+Offset
00h[3]) is set. This register may be configured via the serial
EEPROM interface (if EEPROM is present).
4.5.7
nscSubSystem
The nscSubSystem register (Table 4-64) is used to config-
ure the subsystem vendor ID and the subsystem device ID
values in the PCI configuration space. This register can
only be written to when the nscControl.wpDisable bit
(BAR1+Offset 00h[3]) is set. This register may be config-
ured via the serial EEPROM interface (if EEPROM is
present).
.
Table 4-61. BAR1+Offset 14h: nscRAMBist Register
Bit
Name
Access
Reset
Description
31:10
RSVD
--
0
Reserved
9
bistFail
RU
Undef
Built-in Self-Test Fail: Set to 1 when RAM BIST has failed.
8
bistPass
RU
Undef
Built-in Self-Test Pass: Set to 1 when RAM BIST has passed.
7:1
RSVD
--
0
Reserved
0
bistGo
RW
Undef
Built-in Self-Test Go: RAM BIST is started by writing a 1 to this bit.
Table 4-62. BAR1+Offset 18h: nscCmcControl Register
Bit
Name
Access
Reset
Description
31:2
RSVD
--
0
Reserved
1CMCL
RW
0
Contender Master Control Link Enabled: This bit is ANDed with HCCon-
trol.LinkEnable (BAR0+Offset 50h[17]) and the result is reflected on pin 3.
0CMC
RW
0
Contender Master Control: Selects polarity of CMC output. This bit is
directly reflected on pin 2. 0 = Low; 1 = High.
Table 4-63. BAR1+Offset 20h: nscTxThreshold Register
Bit
Name
Access
Reset
Description
31:16
isochTxThrsh
RW
01FEh
Isochronous Transmit Threshold: FIFO threshold value when transmit-
ting isochronous packets. D[18:16] are hardwired to 110 and D[31:25] are
hardwired to 00h.
15:0
asyncTxThrsh
RU
01FEh
Asynchronous Transmit Threshold: FIFO threshold value when transmit-
ting asynchronous packets. D[2:0] are hardwired to 110 and the D[15:9] are
hardwired to 00h.
Table 4-64. BAR1+Offset 24h: nscSubSystem Register
Bit
Name
Access
Reset
Description
31:16
deviceID
RW
0000h
Device ID: PCI configuration subsystem device ID.
15:0
vendorID
RW
0000h
Vendor ID: PCI configuration subsystem vendor ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com