Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 68Page - National Semiconductor (TI) CS4210 Datasheet HTML 69Page - National Semiconductor (TI) CS4210 Datasheet HTML 70Page - National Semiconductor (TI) CS4210 Datasheet HTML 71Page - National Semiconductor (TI) CS4210 Datasheet HTML 72Page - National Semiconductor (TI) CS4210 Datasheet HTML 73Page - National Semiconductor (TI) CS4210 Datasheet HTML 74Page - National Semiconductor (TI) CS4210 Datasheet HTML 75Page - National Semiconductor (TI) CS4210 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
www.national.com
72
Revision 1.0
Register Descriptions (Continued)
4.4.16.2 Bus Reset
When a bus reset occurs and the busReset interrupt is set
to one, the selfIDComplete (BAR0+Offset 80h[16]) inter-
rupt is simultaneously cleared to 0. The CS4210 prevents
software from clearing the busReset interrupt bit during the
Self-ID phase of bus initialization. Software must take pre-
cautions regarding the asynchronous transmit contexts
before clearing this interrupt. Refer to Section 3.8 "Bus
Resets" on page 30 for further details.
4.4.16.3 IntMask Register
The bits in the IntMask register have the same format as
the IntEvent register, with the addition of masterIntEnable
(bit 31). A one bit in the IntMask register enables the corre-
sponding IntEvent register bit to generate a processor
interrupt. A zero bit in IntMask disables the corresponding
IntEvent register bit from generating a processor interrupt.
A bit is set in the IntMask register by writing a one to the
corresponding bit in the IntMask Set address and cleared
by writing a one to the corresponding bit in the IntMask
Clear address. If masterIntEnable is 0, all interrupts are
disabled regardless of the values of all other bits in the Int-
Mask register. The value of masterIntEnable has no effect
on the value returned by reading the IntEvent Clear; even if
masterIntEnable is 0, reading IntEvent Clear returns
(IntEvent and IntMask) as described earlier in Section
4.4.16 "Interrupts" on page 70.
On a reset, the IntMask.masterIntEnable bit (31) is set to 0
and the value of all other bits is undefined.
1)
BAR0+Offset 88h: IntMask Set
2)
BAR0+Offset 8Ch: IntMask Clear
Table 4-27. BAR0+Offset 88h (Set) and 8Ch (Clear): IntMask Register
Bit
Name
Access
Reset
Description
31
masterIntEnable
RSC
0
Master Interrupt Enable: If set, external interrupts are generated in
accordance with the IntMask register. If clear, no external interrupts are
generated regardless of the IntMask register settings.
30:27
RSVD
--
0
26
phyRegRcvdIntEn
RSC
Undef
Interrupt Events: A one bit enables the corresponding IntEvent register
bit to generate a processor interrupt. A zero bit disables the corresponding
IntEvent register bit from generating a processor interrupt. See Table 4-26
"BAR0+Offset 80h (Set) and 84h (Clear): IntEvent Register" on page 70.
25
cycleTooLongIntEn
RSC
Undef
24
unrecoverableError-
IntEn
RSC
Undef
23
cycleInconsis-
tentIntEn
RSC
Undef
22
cycleLostIntEn
RSC
Undef
21
cycle64SecondsIntEn
RSC
Undef
20
cycleSynchIntEn
RSC
Undef
19
phyIntEn
RSC
Undef
18
RSVD
--
0
17
busResetIntEn
RSC
Undef
16
selfIDcompleteIntEn
RSC
Undef
15:10
RSVD
--
0
9
lockRespErrIntEn
RSC
Undef
8
postedWriteErrIntEn
RSC
Undef
7
isochRxIntEn
RSC
Undef
6
isochTxIntEn
RSC
Undef
5
RSPktIntEn
RSC
Undef
4
RQPktIntEn
RSC
Undef
3
ARRSIntEn
RSC
Undef
2
ARRQIntEn
RSC
Undef
1
respTxCompleteIntEn
RSC
Undef
0
reqTxCompleteIntEn
RSC
Undef



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com