Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 67Page - National Semiconductor (TI) CS4210 Datasheet HTML 68Page - National Semiconductor (TI) CS4210 Datasheet HTML 69Page - National Semiconductor (TI) CS4210 Datasheet HTML 70Page - National Semiconductor (TI) CS4210 Datasheet HTML 71Page - National Semiconductor (TI) CS4210 Datasheet HTML 72Page - National Semiconductor (TI) CS4210 Datasheet HTML 73Page - National Semiconductor (TI) CS4210 Datasheet HTML 74Page - National Semiconductor (TI) CS4210 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
Revision 1.0
71
www.national.com
Register Descriptions (Continued)
20
cycleSynch
RSCU
Undef
Cycle Synchronous: Indicates that a new isochronous cycle has started.
Set when the low order bit of the internal IsochCycleTimer.cycleCount
(BAR0+Offset F0h[24:12]) toggles.
19
phy
RSCU
Undef
Physical Layer: Generated when the CS4103 requests an interrupt
through a status transfer.
18
RSVD
--
0
Reserved
17
busReset
RSCU
Undef
Bus Reset: Indicates that the CS4103 has entered bus reset mode. See
Section 4.4.16.2 "Bus Reset" on page 72 for information on when to clear
this interrupt.
16
selfIDcomplete
RSCU
Undef
Self-ID Complete: A Self-ID packet stream has been received. Is set at the
end of the bus initialization process if LinkControl.rcvSelfID (BAR0+Offset
E0h[9]) is set. This bit is turned off simultaneously when IntEvent.busReset
(bit 17) is turned on.
15:10
RSVD
--
0
Reserved
9
lockRespErr
RSCU
Undef
Lock Response Error: Indicates that the CS4210 attempted to return a
lock response for a lock request to a serial bus register described in Section
4.4.4 "Autonomous CSR Resources" on page 60, but did not receive an
ack_complete after exhausting all permissible retries.
8
postedWriteErr
RSCU
Undef
Posted Write Error: Indicates that a host bus error occurred while the
CS4210 was trying to write a 1394 write request, which had already been
given an ack_complete, into system memory. The 1394 destination offset
and sourceID are available in the PostedWriteAddress register described in
Section 3.7.7 "Posted Write Error" on page 29.
7
isochRx
RU
Undef
Isochronous Receive DMA interrupt: Indicates that one or more isochro-
nous receive contexts have generated an interrupt. This is not a latched
event, it is the OR’ing all bits in (IsochRxIntEvent and IsochRxIntMask). The
IsochRxIntEvent register indicates which contexts have interrupted. See
Section 4.4.16.6 "IsochRxIntEvent Register" on page 74.
6
isochTx
RU
Undef
Isochronous Transmit DMA interrupt: Indicates that one or more isochro-
nous transmit contexts have generated an interrupt. This is not a latched
event, it is the OR’ing all bits in (isochTxIntEvent and isochTxIntMask). The
isochTxIntEvent register indicates which contexts have interrupted. See
Section 4.4.16.4 "IsochTxIntEvent Register" on page 73.
5
RSPkt
RSCU
Undef
Receive Response Packet: Indicates that a packet was sent to an asyn-
chronous receive response context buffer and the descriptor’s xferStatus
and resCount fields have been updated. This differs from ARRS (bit 3)
since RSPkt is a per-packet completion indication and ARRS is a per-com-
mand descriptor (buffer) completion indication. AR Response buffers may
contain more than one packet.
4
RQPkt
RSCU
Undef
Receive Request Packet: Indicates that a packet was sent to an asynchro-
nous receive request context buffer and the descriptor’s xferStatus and res-
Count fields have been updated. This differs from ARRQ (bit 2) since
RQPkt is a per-packet completion indication and ARRQ is a per-command
descriptor (buffer) completion indication. AR Request buffers may contain
more than one packet.
3
ARRS
RSCU
Undef
Asynchronous Receive Response DMA Interrupt: This bit is condition-
ally set upon completion of an ARDMA Response context command
descriptor.
2
ARRQ
RSCU
Undef
Asynchronous Receive Request DMA Interrupt: This bit is conditionally
set upon completion of an ARDMA Request context command descriptor.
1
respTxComplete
RSCU
Undef
Asynchronous Response Transmit DMA Interrupt: This bit is condition-
ally set upon completion of an ATDMA response OUTPUT_LAST* com-
mand.
0
reqTxComplete
RSCU
Undef
Asynchronous Request Transmit DMA Interrupt: This bit is conditionally
set upon completion of an ATDMA request OUTPUT_LAST* command.
Table 4-26. BAR0+Offset 80h (Set) and 84h (Clear): IntEvent Register (Continued)
Bit
Name
Access
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com