Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 57Page - National Semiconductor (TI) CS4210 Datasheet HTML 58Page - National Semiconductor (TI) CS4210 Datasheet HTML 59Page - National Semiconductor (TI) CS4210 Datasheet HTML 60Page - National Semiconductor (TI) CS4210 Datasheet HTML 61Page - National Semiconductor (TI) CS4210 Datasheet HTML 62Page - National Semiconductor (TI) CS4210 Datasheet HTML 63Page - National Semiconductor (TI) CS4210 Datasheet HTML 64Page - National Semiconductor (TI) CS4210 Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 102 page
background image
Revision 1.0
61
www.national.com
Register Descriptions (Continued)
4.4.5
Configuration ROM Header Register
The configuration ROM header register (Table 4-14) is a
32-bit number that externally maps to the 1st quadlet of the
1394
configuration
ROM
(1394
address
at
offset
FFFF_F000_0400h). This register is written locally at
BAR0+Offset 18h.
4.4.6
Bus Identification Register
The Bus Identification register (Table 4-15) is a 32-bit num-
ber that externally maps to the first quadlet of the
Bus_Info_Block.
Table 4-14. BAR0+Offset 18h: ConfigROMhdr Register
Bit
Name
Access
Reset
Description
31:24
info_length
RWU
00h
Information Length: IEEE 1394 bus management field. Must be valid at
any time the HCControl.linkEnable bit (BAR0+Offset 50h[17]) is set.
23:!6
crc_length
RWU
00h
Cyclical Redundancy Check Length: IEEE 1394 bus management field.
Must be valid at any time the HCControl.linkEnable bit (BAR0+Offset
50h[17]) is set.
15:0
rom_crc_value
RWU
0000h
ROM Cyclical Redundancy Check Value: IEEE 1394 bus management
field. Must be valid at any time the HCControl.linkEnable bit (BAR0+Offset
50h[17]) is set.
Table 4-15. BAR0+Offset 1Ch: Bus Identification Register
Bit
Name
Access
Reset
Description
31:0
busID
R
31333934h
Bus Identification: This 32-bit number externally maps to the first quadlet of
the Bus_Info_Block. It contains the constant 31333934h which is the ASCII
value for “1394”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com