Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 85Page - National Semiconductor (TI) CS4210 Datasheet HTML 86Page - National Semiconductor (TI) CS4210 Datasheet HTML 87Page - National Semiconductor (TI) CS4210 Datasheet HTML 88Page - National Semiconductor (TI) CS4210 Datasheet HTML 89Page - National Semiconductor (TI) CS4210 Datasheet HTML 90Page - National Semiconductor (TI) CS4210 Datasheet HTML 91Page - National Semiconductor (TI) CS4210 Datasheet HTML 92Page - National Semiconductor (TI) CS4210 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
Revision 1.0
89
www.national.com
Register Descriptions (Continued)
4.5
NATIONAL (NSC) SPECIFIC CONFIGURATION REGISTERS
The NSC configuration registers are at the location speci-
fied by the Base Address Register 1 (BAR1) in the PCI
configuration space.
The access and operating modes information that is dis-
cussed in Section 4.4 "OHCI Configuration Registers" on page
48
apply to these registers.
Table4-56is a mapfor theregisters accessedthrough
BAR1. Following this table are subsections providing
detailed information for each register.
Table 4-56. NSC Specific Configuration Register Map Summary: BAR1+Offset xxh
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
00h-03h
nscControl Register
RSVD
04h-07h
nscEvent Set Register
RSVD
08h-0Bh
nscEvent Clear Register
RSVD
0Ch-0Fh
nscEventMask Set Register
RSVD
10h-13h
nscEventMask Clear Register
RSVD
14h-17h
nscRAMBist
RSVD
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com