Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 65Page - National Semiconductor (TI) CS4210 Datasheet HTML 66Page - National Semiconductor (TI) CS4210 Datasheet HTML 67Page - National Semiconductor (TI) CS4210 Datasheet HTML 68Page - National Semiconductor (TI) CS4210 Datasheet HTML 69Page - National Semiconductor (TI) CS4210 Datasheet HTML 70Page - National Semiconductor (TI) CS4210 Datasheet HTML 71Page - National Semiconductor (TI) CS4210 Datasheet HTML 72Page - National Semiconductor (TI) CS4210 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
Revision 1.0
69
www.national.com
Register Descriptions (Continued)
4.4.15 IRMultiChanMask Registers
An isochronous channel mask is used to enable packet
receives from up to 64 specified isochronous data chan-
nels. Software enables receives for any number of isochro-
nous channels by writing ones to the corresponding bits in
the:
1)
BAR0+Offset 70h: IRMultiChanMaskHi Set
2)
BAR0+Offset 78h: IRMultiChanMaskLo Set
To disable receives for any isochronous channels, software
writes ones to the corresponding bits in the:
1)
BAR0+Offset 74h: IRMultiChanMaskHi Clear
2)
BAR0+Offset 7Ch: IRMultiChanMaskLo Clear
A read of each IRMultiChanMask register shows which
channels are enabled; a one for enabled, a zero for dis-
abled. The IRMultiChanMask registers are not changed by
a bus reset. The state of these registers is undefined fol-
lowing a hard reset or soft reset.
Table 4-25. IRMultChanMask Registers
Bit
Name
Access
Reset
Description
BAR0+Offset 70h
IRMultiChanMaskHi Set Register
31:0
IsochChannel[63:32]
RSC
Undef
Isochronous Channels [63:32]: Bits [31:0] correspond to channels
[63:32]. Set to one to enable receives to the corresponding channel.
BAR0+Offset 74h
IRMultiChanMaskHi Clear Register
31:0
IsochChannel[63:32]
RSC
Undef
Isochronous Channels [63:32]: Bits [31:0] correspond to channels
[63:32]. Set to one to disable receives to the corresponding channel.
BAR0+Offset 78h
IRMultiChanMaskLo Set Register
31:0
IsochChannel[31:0]
RSC
Undef
Isochronous Channels [31:0]: Bits [31:0] correspond to channels [31:0].
Set to one to enable receives to the corresponding channel.
BAR0+Offset 7Ch
IRMultiChanMaskLo Clear Register
31:0
IsochChannel[31:0]
RSC
Undef
Isochronous Channels [31:0]: Bits [31:0] correspond to channels [31:0].
Set to one to disable receives to the corresponding channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com