Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 31Page - National Semiconductor (TI) CS4210 Datasheet HTML 32Page - National Semiconductor (TI) CS4210 Datasheet HTML 33Page - National Semiconductor (TI) CS4210 Datasheet HTML 34Page - National Semiconductor (TI) CS4210 Datasheet HTML 35Page - National Semiconductor (TI) CS4210 Datasheet HTML 36Page - National Semiconductor (TI) CS4210 Datasheet HTML 37Page - National Semiconductor (TI) CS4210 Datasheet HTML 38Page - National Semiconductor (TI) CS4210 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
Revision 1.0
35
www.national.com
Register Descriptions (Continued)
Table 4-3. OHCI Configuration Registers Summary
BAR0+Offset
Width
(Bits)
Access
Name
Reset Value
Reference
(Page)
00h-03h
32
R
Version Register
xxh
Page 58
04h-07h
32
RSU/RU
GUIDROM Register
xxh
Page 58
08h-0Bh
32
RW
ATRetries Register
xxh
Page 59
0Ch-0Fh
32
RWU
CSRReadData Register
xxh
Page 60
10h-13h
32
RW
CSRCompareData Register
xxh
14h-17h
32
RW
CSRControl Register
800xh
18h-1Bh
32
RWU
Configuration ROM Header Register
00h
Page 61
1Ch-1Fh
32
R
Bus Identification Register
31333934h
Page 61
20h-23h
32
RW
Bus Options Register
xxh
Page 62
24h-27h
32
RW
GUIDHi Register
xxh
Page 63
28h-2Bh
32
R/W
GUIDLo Register
xxh
2Ch-33h
--
--
Reserved
00h
--
34h-37h
32
RW
Configuration ROM Map Register
xxh
Page 63
38h-3Bh
32
RU
PostedWriteAddressLo Register
xxh
Page 64
3Ch-3Fh
32
RU
PostedWriteAddressHi Register
xxh
40h-43h
32
R
Vendor ID Register
80017h
Page 64
50h-53h
32
RSC
HCControl Set Register
xxh
Page 65
54h-57h
32
RSC
HCControl Clear Register
xxh
58h-63h
--
--
Reserved
00h
--
64h-67h
32
RW
Self-ID Buffer Pointer Register
xxh
Page 68
68h-6Bh
32
RU
Self-ID Count Register
xxh
Page 68
70h-73h
32
RSC
IRMultiChanMaskHi Set Register
xxh
Page 69
74h-77h
32
RSC
IRMultiChanMaskHi Clear Register
xxh
78h-7Bh
32
RSC
IRMultiChanMaskLo Set Register
xxh
7Ch-7Fh
32
RSC
IRMultiChanMaskLo Clear Register
xxh
80h-83h
32
RSCU
IntEvent Set Register
xxh
Page 70
84h-87h
32
RSCU
IntEvent Clear Register
xxh
88h-8Bh
32
RSCU
IntMask Set Register
xxh
Page 72
8Ch-8Fh
32
RSCU
IntMask Clear Register
xxh
90h-93h
32
RSC
IsochTxIntEvent Set Register
xxh
Page 73
94h-97h
32
RSC
IsochTxIntEvent Clear Register
xxh
98h-9Bh
32
RSC
IsochTxIntMask Set Register
xxh
Page 73
9Ch-9Fh
32
RSC
IsochTxIntMask Clear Register
xxh
A0h-A3h
32
RSC
IsochRxIntEvent Set Register
xxh
Page 74
A4h-A7h
32
RSC
IsochRxIntEvent Clear Register
xxh
A8h-ABh
32
RSC
IsochRxIntMask Set Register
xxh
Page 74
ACh-AFh
32
RSC
IsochRxIntMask Clear Register
xxh
B0h-DBh
--
--
Reserved
00h
--
DCh-DFh
32
RW
Fairness Control Register
xxh
Page 75
E0h-E3h
32
RSC
LinkControl Set Register
xxh
Page 75
E4h-E7h
32
RSC
LinkControl Clear Register
xxh
E8h-EBh
32
RU
Node ID and Status Register
xxh
Page 76
ECh-EFh
32
RWU
PHYControl Register
xxh
Page 77
F0h-F3h
32
RWU
IsochCycleTimer Register
xxh
Page 77
F4h-FFh
--
--
Reserved
00h
--
100h-103h
32
RSCU
AsyncRequestFilterHi Set Register
00h
Page 78
104h-107h
32
RSCU
AsyncRequestFilterHi Clear Register
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com