Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 60Page - National Semiconductor (TI) CS4210 Datasheet HTML 61Page - National Semiconductor (TI) CS4210 Datasheet HTML 62Page - National Semiconductor (TI) CS4210 Datasheet HTML 63Page - National Semiconductor (TI) CS4210 Datasheet HTML 64Page - National Semiconductor (TI) CS4210 Datasheet HTML 65Page - National Semiconductor (TI) CS4210 Datasheet HTML 66Page - National Semiconductor (TI) CS4210 Datasheet HTML 67Page - National Semiconductor (TI) CS4210 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
www.national.com
64
Revision 1.0
Register Descriptions (Continued)
4.4.10 PostedWriteAddress Register
The PostedWriteAddress register (Table 4-19) is a 64-bit
number which indicates the bus and node numbers (source
ID) of the node that issued the write that failed, and the
address that node attempted to access. The Posted-
WriteAddress is contained in two 32-bit registers, Posted-
WriteAddressHi
and
PostedWriteAddressLo.
The
IntEvent.PostedWriteErr bit (BAR0+Offset 80h[8]) allows
hardware to generate an interrupt when a write fails.
The PostedWriteAddress register points to a queue in the
CS4210. This queue is accessed by software through the
PostedWriteAddress register. When a posted write fails, its
address and node’s source ID are placed in this queue,
and the interrupt is generated. In addition, that packet is
removed from the FIFO. By removing the packet from the
FIFO, the CS4210 is not blocked from performing future
transactions on the 1394 and host buses. When software
reads from these registers, that entry is removed from the
queue, the next address and source ID are placed at the
head of the queue, and another interrupt is generated.
When the queue is empty, the CS4210 stops generating
interrupts. In order to guarantee the accuracy of the Posted
Write error registers, software must perform the following
algorithm when the posted write error interrupt is encoun-
tered:
1)
Read the PostedWriteAddressHi.offsetHi field.
2)
Read the PostedWriteAddressLo.offsetLo field.
3)
Clear the IntEvent.PostedWriteError bit (BAR0+Offset
80h[8]).
This guarantees that software receives all information it
requires about the first posted write, allowing another inter-
rupt to be generated for future posted writes, and simplifies
the CS4210 hardware. The CS4210 does not monitor that
all three events occur before it moves to the next item in the
queue. It considers the information read once it sees the
IntEvent.PostedWriteError
bit
(BAR0+Offset
80h[8])
cleared to 0.
4.4.11 Vendor ID Register
The Vendor ID register holds the company ID of National
Semiconductor Corporation indicating that additional regis-
ters have been specified in the CS4210.
Table 4-19. PostedWriteAddress Register
Bit
Name
Access
Reset
Description
BAR0+Offset 38h
PostedWriteAddressLo Register
31:0
offsetLo
RU
Undef
Offset Low: The low 32-bits of the 1394 destination offset of the write
request that failed.
BAR0+Offset 3Ch
PostedWriteAddressHi Register
31:16
sourceID
RU
Undef
Source ID: The busNumber and nodeNumber of the node that issued the
write request that failed.
15:0
offsetHi
RU
Undef
Offset High: The upper 16-bits of the 1394 destination offset of the write
request that failed.
Table 4-20. BAR0+Offset 40h: Vendor ID Register
Bit
Name
Access
Reset
Description
31:24
vendorUnique
R
0
Vendor Unique: 0h
23:0
vendorCompanyID
R
80017h
Vendor Company Identification: The company ID National Semiconduc-
tor Corporation of 80017h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com