Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 74Page - National Semiconductor (TI) CS4210 Datasheet HTML 75Page - National Semiconductor (TI) CS4210 Datasheet HTML 76Page - National Semiconductor (TI) CS4210 Datasheet HTML 77Page - National Semiconductor (TI) CS4210 Datasheet HTML 78Page - National Semiconductor (TI) CS4210 Datasheet HTML 79Page - National Semiconductor (TI) CS4210 Datasheet HTML 80Page - National Semiconductor (TI) CS4210 Datasheet HTML 81Page - National Semiconductor (TI) CS4210 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
www.national.com
78
Revision 1.0
Register Descriptions (Continued)
4.4.22 Asynchronous Request Filter Registers
The CS4210 allows for selective access to host memory
and the Asynchronous Receive Request context so that
software can maintain host memory integrity. The selective
access is provided by two sets of registers: PhysRequest-
Filter and AsyncRequestFilter. These registers allow
access to physical memory and the AR Request context on
a nodeID basis. The request filters are not applied to qua-
dlet read requests directed at the Config ROM (including
the ConfigROM header, BusID, Bus Options, and Global
Unique ID registers) nor to accesses directed to the isoch-
ronous resource management registers. When the link is
enabled, access by any node to the first 1K of CSR config
ROM is enabled (see Section 4.4.5 "Configuration ROM
Header Register" on page 61). The Asynchronous Request
Filters do not have any effect on Asynchronous Response
packets. When a request is received by the CS4210 from
the 1394 bus and that request does not access the first 1K
of CSR config ROM on the CS4210, then the sourceID is
used to index into the AsyncRequestFilter. If the corre-
sponding bit in the AsyncRequestFilter is set to 0, then
requests from that device are not enabled; there is no ack_
sent, and the requests are ignored by the CS4210. If, how-
ever, the bit is set to 1, the requests are accepted and pro-
cessed according to the address of the request and the
setting of the PhysicalRequestFilter register (BAR0+Offset
110h, see Section 4.4.23 "Physical Request Filter Regis-
ters"
on
page
79).
Requests
to
offsets
above
0000_FFFF_FFFFh, with the exception of offsets handled
physically as described in Section 3.6 "Physical Requests"
on page 26, are always sent to the Asynchronous Request
Receive DMA context. If the AR Request DMA context is
not enabled, then the CS4210 ignores the request. These
registers are set and clear. If bit asyncReqResourceN is
set, then requests with a sourceID of either {3FFh, #N} or
{busID, #N} are accepted. If the asyncReqResourceAll bit
is set in AsyncRequestFilterHi, requests from all bus nodes
including those on the local bus are accepted. Reading the
AsyncRequestFilter registers returns their current state. All
asyncReqResourceN bits in the AsyncRequestFilter regis-
terare clearedto0 on a1394 bus reset.
Table 4-37. BAR0+Offset 100h (Set) and 104h (Clear): AsyncRequestFilterHi Register
Bit
Name
Access
Reset
Description
31
asyncReqRe-
sourceAll
RSCU
0
Asynchronous Requests Resource All: If set to one, all asynchronous
requests received by the CS4210 from all bus nodes (including the local
bus) are accepted, and the values of all asyncReqResourceN bits are
ignored. A bus reset does not affect the value of the asyncReqResourceAll
bit.
30:0
asyncReqRe-
sourceN
RSCU
00h
Asynchronous Requests Resource [62:32]: If set to one for local bus
node number N, asynchronous requests received by the CS4210 from that
node are accepted. All asyncReqResourceN bits are cleared to zero when
a bus reset occurs.
Table 4-38. BAR0+Offset 108h (Set) and 10Ch (Clear): AsyncRequestFilterLo Register
Bit
Name
Access
Reset
Description
31:0
asyncReqRe-
sourceN
RSCU
00h
Asynchronous Requests Resource [31:0]: If set to one for local bus node
number N, asynchronous requests received by the CS4210 from that node
are accepted. All asyncReqResourceN bits are cleared to zero when a bus
reset occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com