Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 69Page - National Semiconductor (TI) CS4210 Datasheet HTML 70Page - National Semiconductor (TI) CS4210 Datasheet HTML 71Page - National Semiconductor (TI) CS4210 Datasheet HTML 72Page - National Semiconductor (TI) CS4210 Datasheet HTML 73Page - National Semiconductor (TI) CS4210 Datasheet HTML 74Page - National Semiconductor (TI) CS4210 Datasheet HTML 75Page - National Semiconductor (TI) CS4210 Datasheet HTML 76Page - National Semiconductor (TI) CS4210 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
Revision 1.0
73
www.national.com
Register Descriptions (Continued)
4.4.16.4 IsochTxIntEvent Register
There are two 32-bit registers to report isochronous trans-
mit context interrupts: IsochTxIntEvent and IsochTxInt-
Mask. Both registers are set and clear (Tables 4-28 and 4-
29). For all four addresses, writing a zero bit has no effect
on the corresponding bit in the register.
The IsochTxIntEvent register contains the actual interrupt
request bits. Each of these bits corresponds to a DMA
completion event for the indicated isochronous transmit
context. The IsochTxIntMask register is ANDed with the
IsochTxIntEvent register to enable selected bits to gener-
ate processor interrupts. If IsochTxIntMask and IsochTx-
IntEvent are not zero, then the IntEvent.IsochTxIntn bit is
set to one, and if enabled via the IntMask register it gener-
ates a processor interrupt. A software write to the IsochTx-
IntEvent Set register can therefore cause an interrupt (if not
otherwise masked). A software write to the IsochTx-
IntEvent Clear register clears interrupt conditions reported
in the IsochTxIntEvent register.
Reading the IsochTxIntEvent Set register returns the cur-
rent state of the IsochTxIntEvent register. Reading the
IsochTxIntEvent Clear register returns the masked version
of the IsochTxIntEvent register (IsochTxIntEvent and
IsochTxIntMask).
This IsochTxIntEvent register reflects the interrupt state of
the isochronous transmit contexts. An interrupt is gener-
ated on behalf of an isochronous transmit context if an
OUTPUT_LAST DMA command completes and its “i” field
is set to 11b (interrupt always). Upon determining that the
IntEvent.IsochTx interrupt has occurred, software can
check the IsochTxIntEvent register to determine which con-
text(s) caused the interrupt.
4.4.16.5 IsochTxIntMask Register
The bits in the IsochTxIntMask register (Table 4-29) have
the same format as the IsochTxIntEvent register. Setting a
bit in this register enables the corresponding bit in the
IsochTxIntEvent register. Setting a bit in this register is
done by setting the bit in the IsochTxIntMask Set register
(BAR0+Offset 98h) and cleared by writing a one to the cor-
responding bit in the IsochTxIntMask Clear register
(BAR0+Offset 9Ch). Bits for all unimplemented contexts
read as 0’s. Software can use this register to determine
which contexts are supported by writing to it with all 1’s,
then reading it back.Contexts witha1are implemented,
andthosewitha 0are not.
Table 4-28. BAR0+Offset 90h (Set) and 94h (Clear): IsochTxIntEvent Register
Bit
Name
Access
Reset
Description
31:8
RSVD
--
0
Reserved
7
isochTxInt7
RSCU
Undef
Isochronous Transmit Context Interrupt Event: Set to one when the cor-
responding isochronous transmit context interrupts and the interrupt mask
(BAR0+Offset 98h) is enabled.
6isochTxInt6
5isochTxInt5
4isochTxInt4
3isochTxInt3
2isochTxInt2
1isochTxInt1
0isochTxInt0
Table 4-29. BAR0+Offset 98h (Set) and 9Ch (Clear): IsochTxIntMask Register
Bit
Name
Access
Reset
Description
31:8
RSVD
--
0
Reserved
7
isochTxIntMask7
RSC
Undef
Isochronous Transmit Context Interrupt Mask: Set to one enables the
corresponding bit in the IsochTxintEvent register (BAR0+Offset 90h).
6
isochTxIntMask6
5
isochTxIntMask5
4
isochTxIntMask4
3
isochTxIntMask3
2
isochTxIntMask2
1
isochTxIntMask1
0
isochTxIntMask0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com