Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 4Page - National Semiconductor (TI) CS4210 Datasheet HTML 5Page - National Semiconductor (TI) CS4210 Datasheet HTML 6Page - National Semiconductor (TI) CS4210 Datasheet HTML 7Page - National Semiconductor (TI) CS4210 Datasheet HTML 8Page - National Semiconductor (TI) CS4210 Datasheet HTML 9Page - National Semiconductor (TI) CS4210 Datasheet HTML 10Page - National Semiconductor (TI) CS4210 Datasheet HTML 11Page - National Semiconductor (TI) CS4210 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
www.national.com
8
Revision 1.0
2.0
Signal Definitions
This section defines the signals and external interface of
the CS4210. Figure 2-1 shows the pins organized by their
functional groupings (internal test and electrical pins are
not shown).
2.1
PIN ASSIGNMENT
The tables in this section use several common abbrevia-
tions. Table 2-1 lists the mnemonics and their meanings.
Figure 2-2 on page 9 shows the pin assignment for the
CS4210 with Tables 2-2 and 2-3, on pages 10 and 11, list-
ing the pin assignments sorted by pin number and alpha-
betically by signal name.
Section 2.2 "Signal Descriptions" starting on page 12 pro-
vides a description for each signal within its associated
functional group.
Figure 2-1. Signal Groups
Table 2-1. Pin Type Definitions
Mnemonic
Definition
I
Input Pin
I/O
Bidirectional Pin
OOutput
t/s
TRI-STATE Signal
VDD
2.5V Core Power Supply
VDDIO
3.3V I/O Power Supply
VSS
Ground Connection
AD[31:0]
C/BE[3:0]#
FRAME#
IRDY#
TRDY#
STOP#
DEVSEL#
IDSEL
DATA[0:7]
CTRL[0:1]
LREQ
SCLK
LPS
LNKON
DIRECT
PHY-Link
Interface
PCI Bus
Interface
Geode™
PERR#
SERR#
PAR
PREQ#
PGNT#
INTA#
RST#
PCLK
PME#
EECLK
EEDATA
CCLKO
CCLKI
CMC
CMCL
I2C
CS4210
Interface
8kHz Reference
Contender
Clock Interface
Master Control
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com