Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4210 Datasheet(PDF) 101 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 101 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 94Page - National Semiconductor (TI) CS4210 Datasheet HTML 95Page - National Semiconductor (TI) CS4210 Datasheet HTML 96Page - National Semiconductor (TI) CS4210 Datasheet HTML 97Page - National Semiconductor (TI) CS4210 Datasheet HTML 98Page - National Semiconductor (TI) CS4210 Datasheet HTML 99Page - National Semiconductor (TI) CS4210 Datasheet HTML 100Page - National Semiconductor (TI) CS4210 Datasheet HTML 101Page - National Semiconductor (TI) CS4210 Datasheet HTML 102Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
Revision 1.0
101
www.national.com
Electrical Specifications (Continued)
5.5
AC SPECIFICATIONS
Figure 5-2. PCI Timing Waveform
Figure 5-3. PCI Setup and Hold Timing
Table 5-7. PCI Timings: CLOAD =50 pF
Symbol
Parameter
Min
Max
Units
tVAL
CLK to Signal Valid Delay - bused signals
2
11
ns
tON
Float to Active Delay
2
ns
tOFF
Active to Float Delay
28
ns
tSU
Input Setup Time to CLK - bused signals
7
ns
tH
Input Hold Time from CLK
0
ns
tRST
Reset Active Time after Power Stable
1
ms
tRST-CLK
Reset Active Time after CLK Stable
100
ms
tRST-OFF
Reset Active Time to Output TRI-STATE Delay
40
ns
tCYC
PCLK Cycle Time
30
ns
tHIGH
PCLK High Time
11
ns
tLOW
PCLK Low Time
11
ns
PCLK
PCI
TRI-STATE
Output
tVAL
tON
tOFF
Output
PCLK
PCI
tH
tSU
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com