Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 35 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 35 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 31Page - Lattice Semiconductor ORSPI4 Datasheet HTML 32Page - Lattice Semiconductor ORSPI4 Datasheet HTML 33Page - Lattice Semiconductor ORSPI4 Datasheet HTML 34Page - Lattice Semiconductor ORSPI4 Datasheet HTML 35Page - Lattice Semiconductor ORSPI4 Datasheet HTML 36Page - Lattice Semiconductor ORSPI4 Datasheet HTML 37Page - Lattice Semiconductor ORSPI4 Datasheet HTML 38Page - Lattice Semiconductor ORSPI4 Datasheet HTML 39Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
35
Table 3. SPIA Core Transmit FPGA Interface in 64-Bit Mode
DPRAM
FPGA Interface I/Os
Direction
From/To
Description
0
SPIA_TX64_ADDR_0[2:0]
FPGA
→ Core Virtual FIFO Write Address. Each DPRAM can be divided up to a maximum
of eight partitions. When operating in 64-bit mode, each partition will be 2x
the depth of the corresponding partition in 32-bit mode. More than one port
can be configured to share a virtual FIFO partition.
SPIA_TX64_DATA_0[63:0]
FPGA
→ Core User Write data. Two writes are required in order to complete an entire 128-
bit line. All writes must occur in two write bursts, unless an EOP occurs.
SPIA_TX64_BE_0[7:0]
FPGA
→ Core Byte enables indicating which bytes within the 64-bit word are valid.
Bit[7]-Byte enable for SPIA_TX64_DATA_0[63:56]
Bit[6]-Byte enable for SPIA_TX64_DATA_0[55:48]
Bit[5]-Byte enable for SPIA_TX64_DATA_0[47:40]
Bit[4]-Byte enable for SPIA_TX64_DATA_0[39:32]
Bit[3]-Byte enable for SPIA_TX64_DATA_0[31:24]
Bit[2]-Byte enable for SPIA_TX64_DATA_0[23:16]
Bit[1]-Byte enable for SPIA_TX64_DATA_0[15:8]
Bit[0]-Byte enable for SPIA_TX64_DATA_0[7:0]
If no BE bits are asserted for a particular location within the DPRAM, data
will be dropped and no write to the DPRAM will occur.
According to the SPI-4.2 specification, the BE bits must be asserted for all
but the last transfer, where an End of Packet or Error may occur. The valid
combinations of BE are as follows:
BE[7:0] = 11111111--indicates all eight bytes contain valid user data. If an
EOP is present, it resides within the eighth byte.
BE[7:0] = 11111110--indicates seven bytes are valid. EOP occurs in seventh
Byte.
BE[7:0] = 11111100--indicates six bytes are valid. EOP occurs in sixth Byte.
BE[7:0] = 11111000--indicates five byte is valid. EOP occurs in fifth Byte.
BE[7:0] = 11110000--indicates four bytes are valid. EOP occurs in fourth
Byte.
BE[7:0] = 11100000--indicates three bytes are valid. EOP occurs in third
Byte.
BE[7:0] = 11000000--indicates two bytes are valid. EOP occurs in second Byte.
BE[7:0] = 10000000--indicates one byte is valid. EOP occurs in first Byte.
SPIA_TX64_SOP_0
FPGA
→ Core Start of Packet indicator. A '1' indicates the start of packet for a particular
port. When operating in 64-bit mode, the SOP indicator must be asserted
coincident with the first write per address line within the FIFO partition.
SPIA_TX64_EOP_0
FPGA
→ Core End of Packet indicator. A '1' indicates the end of packet for a particular
port. The EOP may be asserted on either write per address line within the
FIFO partition.
When an EOP is detected by the DPRAM Write Pointer Logic, the address
pointer will be automatically incremented to the next location within the
FIFO partition range.
SPIA_TX64_ERR_0
FPGA
→ Core Packet error indication. A '1' indicates an error has occurred for the current
packet being transmitted. The ERR signal must be asserted coincident with
the EOP signal.
SPIA_TX64_WE_0
FPGA
→ Core Write Enable. A logic '1' causes data on the SPIA_TX64_DATA_0[63:0] bus
to be captured for a write to the DPRAM.
SPIA_TX64_PORT_0[7:0]
FPGA
→ Core SPI4 port indicator, used to associate the current transmit data with a par-
ticular port number.
SPIA_TX64_WD_CNT_RST_
0
FPGA
→ Core Line Write Termination indicator. This signal causes the FIFO write address
pointer within the embedded core to increment to the next address location
for the addressed partition. This signal can be used for custom applications
as well as for diagnostic test functions.
Note: For SPIB replace A with B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com