Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 91 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 91 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 87Page - Lattice Semiconductor ORSPI4 Datasheet HTML 88Page - Lattice Semiconductor ORSPI4 Datasheet HTML 89Page - Lattice Semiconductor ORSPI4 Datasheet HTML 90Page - Lattice Semiconductor ORSPI4 Datasheet HTML 91Page - Lattice Semiconductor ORSPI4 Datasheet HTML 92Page - Lattice Semiconductor ORSPI4 Datasheet HTML 93Page - Lattice Semiconductor ORSPI4 Datasheet HTML 94Page - Lattice Semiconductor ORSPI4 Datasheet HTML 95Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
91
the idle cycles, the core continues to provide read data. The ASTOP_ON_EOPj signal can be asserted anytime
and held high for any length of time during a read data transfer.
At any time, the user can poll for the status of a FIFO within a DPRAM bank by providing just the read address
SPIA_RX64_ADDR_j without providing the read enable. Note that the timing diagram shown in Figure 36, Figure
37 and Figure 38 indicate a FIFO size of 32 locations. Each location contains two 64-bit data words. Thus when
SPIA_RX64_FIFO_EMPTY_j flag is ‘1’ and RX_DPRAM_EMPTY_TYPE_SELA[j] software register bit in address
30920 is set to ‘1’, it implies that the FIFO has 7 two-word data left (1/4 * 32 locations - 1).
As shown in Figure 38, the ERR signal indicates that the corresponding packet is in error. The ERR signal can be
asserted by the ORSPI4 core several clock cycles before EOP and remains asserted until the clock cycle when
EOP is asserted. However, the user is always required to use the ERR signal in conjunction with the EOP signal.
Irrespective of the ERR signal being asserted, the core always transmits the entire packet. Thus, it is relevant for
the user application to sample the ERR signal simultaneously with EOP. Users should also be aware that this is in
asymmetry with the transmit SPI4 core’s behavior. In the transmit direction, user always asserts ERR signal during
an EOP only. Thus, if any loopback is performed from the receive SPI4 (A or B) to the transmit SPI4 (A or B), the
user should ensure that the received ERR signal is not wired directly to the corresponding transmit ERR signal, but
follows the transmit protocol of providing an ERR signal only in the same clock cycle as an EOP and not earlier.
Figure 36. Read Timing with ASTOP_ON_EOP Deasserted - 64-Bit Mode
….
….
12
3
4
5
6
FIFO size = 32
SPIA_RX64_CLK_j
SPIA_RX64_RD_j
SPIA_RX64_ADDR_j
n
Address changed to
partition/FIFO p during
last 2-word burst in
address n
p
SPIA_RX64_FIFO_EMPTY_j
Indicates FIFO has seven
2-word bursts
FIFO empty
low
for address p
Port ID
SPIA_RX64_DATA_j[63:0]
na
nb
….
na
nb
Port ID
pa
SPIA_RX64_CTL_j
SPIA_RX64_SOP_j
SPIA_RX64_EOP_j
j=0,1
ASTOP_ON_EOPj
h01
hff
hff
….
hff
hff
h01
SPIA_RX64_BE_j[7:0]
SPIA_RX64_ERR_j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com