Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 68 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 68 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 64Page - Lattice Semiconductor ORSPI4 Datasheet HTML 65Page - Lattice Semiconductor ORSPI4 Datasheet HTML 66Page - Lattice Semiconductor ORSPI4 Datasheet HTML 67Page - Lattice Semiconductor ORSPI4 Datasheet HTML 68Page - Lattice Semiconductor ORSPI4 Datasheet HTML 69Page - Lattice Semiconductor ORSPI4 Datasheet HTML 70Page - Lattice Semiconductor ORSPI4 Datasheet HTML 71Page - Lattice Semiconductor ORSPI4 Datasheet HTML 72Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
68
ORSPI4 SPI4 Receive Path Functional Description
This section describes the receive section of the SPI4 interface. Although there will be two SPI4 compliant inter-
faces within the FPSC, this section describes a single interface. The other interface is a duplicate and therefore
needs no additional technical description.
ORSPI4 Receive Features
The Receive SPI4 interface supports the following features:
• 10 Gbits/s data throughput.
• Four dual-port memory banks supporting buffering for up to 32 ports. If support for more than 32 ports is needed,
then the dual-port memories can be used for clock domain crossing purposes and data can be buffered in an
external memory.
• Port Status Sequencer (PSS), including Receive Calendar (main and shadow), will support up to 256 ports, the
maximum number of ports supported by the SPI4 standard.
• 32, 64 and 128-bit data width aggregation modes at the user (core/FPGA) interface.
• Programmable main and shadow calendar table. All calendar configuration parameters specified in the SPI4
standard such as CALENDAR_LEN, CALENDAR_M are supported.
• Optional dynamic alignment of receive data at the high-speed SPI4 interface. Dynamic alignment is required at
rates > 700 Mbits/s (350 MHz).
The SPI4 receive logic enables users to read incoming port data using a variety of interfaces and associated clock
domain options. It uses Dual Port RAMs (DPRAM) for temporary storage and clock domain crossing. Data is
received in SPI4 format as LVDS signals at the receive interface. The data is written into DPRAM as received and
read from the DPRAMs as requested by the FPGA logic. FIFO status is transmitted from the Receive Status inter-
face according to a pre-configured polling sequence contained within the Receive Calendar. Data is formatted into
the SPI4 Receive Status format and sent to the physical links as either LVDS or LVTTL signals.
There are also several other features incorporated into the embedded core such as parallel loopback and far end
loopback to assist in debugging and statistic gathering. These features, and the SPI4 data formats and initialization
procedures are documented in separate sections since they involve both the transmit and receive paths.
The major blocks associated with the ORSPI4 receiver are:
• SPI4 Receive Logic - Data
– SPI4 Receive Data Input (RDI) block
– SPI4 Receive Data Protocol (RDP) logic
• Data Formatter
• Address Map
• DPRAM Banks
• Port Status Sequencer Logic (PSS)
• SPI4 Receive Logic - Status
– SPI4 Receive Status Protocol (RSP) logic
– SPI4 Receive Status Output (RSO) block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com