Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 24 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 24 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 20Page - Lattice Semiconductor ORSPI4 Datasheet HTML 21Page - Lattice Semiconductor ORSPI4 Datasheet HTML 22Page - Lattice Semiconductor ORSPI4 Datasheet HTML 23Page - Lattice Semiconductor ORSPI4 Datasheet HTML 24Page - Lattice Semiconductor ORSPI4 Datasheet HTML 25Page - Lattice Semiconductor ORSPI4 Datasheet HTML 26Page - Lattice Semiconductor ORSPI4 Datasheet HTML 27Page - Lattice Semiconductor ORSPI4 Datasheet HTML 28Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
24
ORSPI4 SPI4 Data Formats
The data format across the SPI4 interface follows the OIF SPI4 convention where the lowest byte number occupies
the highest bit positions within the 16-bit word as shown in Figure 5. On payload transfers that do not end on an
even byte boundary, the unused byte (after the last valid byte) on bit positions 7 through 0 is set to all zeroes as
shown in Figure 5.
Figure 5. SPI4 Byte and Bit Ordering
At the FPGA-embedded core RX and TX interface, the same SPI4 convention is followed wherein the lowest byte
number occupies the highest bit positions within a word. This is the same in all operating modes - 32-bit, 64-bit and
128-bit.
Byte enables for all data except EOP should be “1”. During an EOP, the last valid byte enable within a 32-bit, 64-bit
or 128-bit word indicates the last byte for the packet. Figure 6 shows EOP signal being asserted during Word 3. In
Figure 6, the last valid byte enable within “1110” in Word 3 indicates the EOP. The valid byte enables during an
EOP are “1111”, “1110”, “1100” and “1000”. If the packet was errored, the ERR signal is asserted and will remain
asserted until EOP as shown in Figure 6
Figure 6. Example of EOP Indication in 32-Bit Mode
Byte 0
Byte 1
15
7
0
Byte 2
Byte 3
Byte 4
x (set to zeros)
Byte 0
Byte 1
15
7
0
Byte 2
Byte 3
Byte 4
x (set to zeros)
TDAT
RDAT
Word 0
Word 1
Word 2
Word 3
0 123
01
2
3
0 123
0 123
1
Byte
Bit
BE0
BE1
BE2
BE3
11
1
1
1 1
1
1 1
1
1
11
1 0
SPI[A,B]_TX32_EOP_j
Clock 1
Clock 2
Clock 3
Clock 4
SPI[A,B]_TX32_ERR_j
SPI[A,B]_RX32_EOP_j
SPI[A,B]_RX32_ERR_j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com