Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 12 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 8Page - Lattice Semiconductor ORSPI4 Datasheet HTML 9Page - Lattice Semiconductor ORSPI4 Datasheet HTML 10Page - Lattice Semiconductor ORSPI4 Datasheet HTML 11Page - Lattice Semiconductor ORSPI4 Datasheet HTML 12Page - Lattice Semiconductor ORSPI4 Datasheet HTML 13Page - Lattice Semiconductor ORSPI4 Datasheet HTML 14Page - Lattice Semiconductor ORSPI4 Datasheet HTML 15Page - Lattice Semiconductor ORSPI4 Datasheet HTML 16Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
12
The FIFO Status Update logic block reads the Port and Status information and uses this information to update Port
Descriptor Memory STAT field. Whenever a valid STAT field has been updated, the associated U-bit field is set as
discussed previously. This indicates that the STAT field is new and that the Credit field for that must be re-evaluated
the next time it is selected as a source for transmit data.
SPI4 Receive Path Overview
In the receive direction, data is received in SPI4 format on the LVDS I/Os at the receive interface. The data is writ-
ten into DPRAM as received and read from the DPRAMs as requested by the FPGA logic. Control information is
also interpreted and buffered and idles and training sequences are removed from the incoming data stream.
Receive FIFO status is transmitted from the Receive Status interface according to a pre-configured polling
sequence contained within the Receive Calendar. Data is formatted into the SPI4 Receive Status format and sent
to the physical links as either LVDS or LVTTL signals.
The SPI4 block contains the high-speed receive logic. Incoming LVDS signals, in SPI4 format, include the 16-bit
data bus (RDAT[15:0]), a control bit (RCTL) and a source synchronous DDR clock (RDCLK). The incoming data is
deserialized to a 128-bit format and the control information is converted to an 8-bit format.
The SPI4 receive block also detects training patterns and performs dynamic alignment of the incoming data. At
speeds above 700 Mbit/s (350 MHz) it becomes necessary to use dynamic alignment. Skews of up to ± one clock
period can be compensated by the dynamic alignment logic. For low speed incoming data, static alignment can be
chosen through a programmable control bit. Various timing options of receive data vs. receive clock are also pro-
grammable.
The SPI4 block is responsible for decoding the in-band control information. It then forwards both the data and con-
trol information, such as link address, SOP, EOP and error, to the virtual FIFOs. The SPI4 block also parses the
control words embedded within the incoming data. Using this control information, it performs the following func-
tions:
• Checks DIP-4 parity
• Monitors for continuous alignment (if more than a programmable number of DIP-4 parity errors exist, there may
be an alignment problem).
• Removes idle/training words.
• Extracts link address and SOP, EOP and valid packet (no error) signals.
In the receive direction there are also four Dual Port Memory (DPRAM) banks that contain a total of 8K bytes avail-
able for clock domain crossing and/or temporary buffering. As with the transmit buffers, each bank can be further
partitioned up to 8 virtual memories, one for each of 8 ports. The following are the characteristics of the DPRAM
virtual FIFOs:
• The DPRAM memories support asynchronous reads. Each DPRAM bank can be accessed on the FPGA side
with an individual clock.
• For data buffering beyond 32 ports, the DPRAM banks can be used as clock domain crossing FIFOs before writ-
ing the data and control information into an external memory. If fewer ports are supported, the virtual memories
can be aggregated, providing more buffer space for each port.
• Each DPRAM bank has a 32-bit data and 8-bit control read interface to the FPGA. When using the DPRAM
memories, the data can be read as either a 32-, 64-, or 128-bit data bus with associated control signals.
• At any time, the user can poll the status of a FIFO within a DPRAM bank by providing just the read address with-
out a valid read enable.
• A FIFO empty flag is generated by the read control logic to the FPGA. This empty flag can be programmed to
indicate truly empty or < 1/4 full (1/4 full - 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com