Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 47 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 47 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 43Page - Lattice Semiconductor ORSPI4 Datasheet HTML 44Page - Lattice Semiconductor ORSPI4 Datasheet HTML 45Page - Lattice Semiconductor ORSPI4 Datasheet HTML 46Page - Lattice Semiconductor ORSPI4 Datasheet HTML 47Page - Lattice Semiconductor ORSPI4 Datasheet HTML 48Page - Lattice Semiconductor ORSPI4 Datasheet HTML 49Page - Lattice Semiconductor ORSPI4 Datasheet HTML 50Page - Lattice Semiconductor ORSPI4 Datasheet HTML 51Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
47
Figure 17. Port 1 and 2 Disable
TX DPRAM
The TX DPRAMs consist of four 256 x 160 memories, that can each be partitioned into a maximum of 8 equally
sized virtual partitions, providing a maximum of 32 virtual FIFO partitions. By providing a simple FIFO-like interface
to the FPGA, the FPGA can access FIFO partitions by asserting a 3-bit address field. Internal logic maintains both
write and read pointers and provides a programmable FIFO_FULL flag to the FPGA logic in order to prevent over-
flow conditions.
Data may be written into the DPRAMs using either multiple 32-, or 64-bit interfaces, or alternatively using a single
128-bit interface. The sideband control bus is present for each individual interface. The DPRAM partition depths are
a function of the interface width used, as well as the number of configured partitions. Table 7 shows the depth of
virtual partitions for data and sideband control information based upon the write interface width and the number of
partitions.
Table 7. Memory Size for Each Aggregation Mode and Partitioning
Write Interface Mode
# of Configured
Virtual FIFO
Partitions
DATA FIFO Depth
(in Bytes)
Control FIFO Depth
(in Bytes)
32-bit
1
2K
512
2
1K
256
4
512
128
8
256
64
64-bit
14K
1K
2
2K
512
4
1K
256
8
512
128
128-bit
18K
2K
24K
1K
4
2K
512
8
1K
256
02
302
3
0
30
3
SPIB_TX32_PORT_ID[7:0]
SPIB_TX32_LINK_DIS_3
SPIB_TX32_LINK_DIS_2
SPIB_TX32_LINK_DIS_1
SPIB_TX32_LINK_DIS_0
SPIB_TX32_CLK_0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com