Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 27 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 27 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 23Page - Lattice Semiconductor ORSPI4 Datasheet HTML 24Page - Lattice Semiconductor ORSPI4 Datasheet HTML 25Page - Lattice Semiconductor ORSPI4 Datasheet HTML 26Page - Lattice Semiconductor ORSPI4 Datasheet HTML 27Page - Lattice Semiconductor ORSPI4 Datasheet HTML 28Page - Lattice Semiconductor ORSPI4 Datasheet HTML 29Page - Lattice Semiconductor ORSPI4 Datasheet HTML 30Page - Lattice Semiconductor ORSPI4 Datasheet HTML 31Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
27
SPI4 Transmit Path Functional Description
This section describes the transmit section of the SPI4 interface. The ORSPI4 device contains two identical, yet
independent Transmit SPI4 compliant interfaces within the FPSC. The description provided within this section is
applicable to both Transmit SPI4 interfaces.
The Transmit SPI4 interface supports the following features:
• Independent TX interface that is not tied to associated Receive SPI4 interface
• 10 Gbit/s data throughput
• 4 dual-port memories used to provide 256 Bytes of buffering for up to 32 ports. If support for more than 32 ports
is required, the dual-port memories can be used, or they can be used for clock crossing purposes while data is
buffered with external memory.
• Simple FIFO-like interface from FPGA to SPI4 TX embedded core block.
• Calendar Control Logic, including the Transmit Calendar, Shadow Calendar and support for up to 256 ports (the
maximum allowable number of SPI4 ports).
• Mixed data width aggregation modes at the user Transmit interface. 32, 64, and 128-bit modes are supported.
• Programmable calendar table, supporting all calendar configuration parameters as specified in the SPI4 stan-
dard.
• Feedback to FPGA of currently serviced SPI4 port.
The Transmit SPI4 logic enables users to write port data from a variety of interfaces and associated clock domains
using Dual Port RAMs (DPRAM) for temporary storage and clock domain crossing. Data is written into the DPRAM
banks from the FPGA and read according to a pre-configured transmit calendar sequence. Data is formatted into
the SPI4 format and transmitted to the physical links as LVDS signals, as specified by OIF-SPI4-02.0.
In addition to the transmit data path, out-of-band status information is received on the Transmit Status lines. This
information is used, along with preconfigured Calendar sequence information, to schedule the servicing of SPI4
port for data transmission. The status information is also passed back to the FPGA logic. There are also several
other features incorporated into the embedded core such as parallel loopback and SPI4 loopback to assist in
debugging and statistic gathering.
The major blocks associated with the ORSPI4 transmitter are:
• Four Transmit DPRAM Banks
• Address Map and Arbiter (AMA)
• Transmit Calendar Control Logic
– Port Write Sequencer Logic (PWS)
• SPI4 Logic - Data
– SPI4 Transmit Data Logic (TDP)
– SPI4 Transmit I/O Interface (TDO)
• SPI4 Transmit Status Logic (TSP)
– SPI4 Transmit Status Interface (TSI)
– SPI4 Transmit Status Protocol (TSP)
These blocks will be described in detail in the following sections. The ORSPI4 Transmit functional block diagram is
shown in Figure 10.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com